Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM58321 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM58321 Datasheet HTML 1Page - OKI electronic componets MSM58321 Datasheet HTML 2Page - OKI electronic componets MSM58321 Datasheet HTML 3Page - OKI electronic componets MSM58321 Datasheet HTML 4Page - OKI electronic componets MSM58321 Datasheet HTML 5Page - OKI electronic componets MSM58321 Datasheet HTML 6Page - OKI electronic componets MSM58321 Datasheet HTML 7Page - OKI electronic componets MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
¡ Semiconductor
MSM58321
9
Note:
Rating
Symbol
Condition
Max.
Unit
H input voltage
– Note 1
– Note 2
–
IO = 1.6 mA
VO = 0.4 V
VI = VDD Note3
VI = VDD Note4
VI = 0V
ƒ = 1 MHz
ƒ = 32.768 kHz
VDD = 5V/VDD = 3V
L input voltage
L output voltage
L output current
H input current
L input current
Input capacity
Current consumption
(VDD = 5V ±5%, Ta = –30 ~ +85°C)
DC Characteristics
–
–
0.8
0.4
–
80
1
–1
–
100/15
Typ.
–
–
–
–
–
30
–
–
5
–
Min.
3.6
VDD–0.5
–
–
1.6
10
–
–
–
VIH1
VIH2
VIL
VOL
IOL
IIH1
IIH2
IIL
CI
IDD
500/30
µA
V
V
V
mA
µA
µA
pF
CS2, WRITE, READ, ADDRESS WRITE, STOP, TEST, D0 ~ D3
CS1
CS1, CS2, WRITE, READ, ADDRESS WRITE, STOP, TEST
D0 ~ D3
1.
2.
3.
4.
Rating
Symbol
Condition
Value
Unit
Power voltage
VDD
Ta = 25°C
–0.3 to 6.5
V
Input voltage
VI
Ta = 25°C
–0.3 to VDD+0.3
V
Output voltage
VO
Ta = 25°C
–0.3 to VDD+0.3
V
Storage temperature
Tstg
–
–55 to +150
°C
Absolute Maximum Ratings
ELECTRICAL CHARACTERISTICS
Note:
Rating
Symbol
Condition
Value
Unit
Power voltage
VDD
–
4.5 to 6
V
Date hold voltage
VDH
–
2.2 to 6
V
Crystal frequency
ƒ(XT)
–
32.768
kHz
Operating temperature
TOP
–
–30 to +85
°C
The data hold voltage guarantees the clock operations, though it does not guarantee operations outside
the IC and data input/output.
Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com