Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM58321 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets MSM58321 Datasheet HTML 10Page - OKI electronic componets MSM58321 Datasheet HTML 11Page - OKI electronic componets MSM58321 Datasheet HTML 12Page - OKI electronic componets MSM58321 Datasheet HTML 13Page - OKI electronic componets MSM58321 Datasheet HTML 14Page - OKI electronic componets MSM58321 Datasheet HTML 15Page - OKI electronic componets MSM58321 Datasheet HTML 16Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
¡ Semiconductor
MSM58321
19
STOP
WRITE
at VDD = 5V±5%
S1
S10
MI1
MI10
H1
H10 D1(W) D10
MO1
MO10
Y1
Y10
1
23456789
10
11
12
tSHS1
tSHS10
tSHY10
Write-inhibited period
Figure 11
tSHS1 = 1 µs, tSHS10 = 2 µs, tSHMI1 = 3 µs, tSHM10 = 4 µs, tSHH1 = 5 µs
tSHH10 = 6 µs, tSHD1 = 7 µs, tSHW = 7 µs, tSHD10 = 8 µs, tSHM01 = 9 µs
tSHMO10 = 10 µs, tSHY1 = 11 µs, tSHY10 = 12 µs.
APPLICATION NOTES
WRITE and STOP
Note that the timing relationship between the STOP and WRITE inputs vary by the related digit when counting is
stopped by the STOP input to write data. The time (tSH) between the STOP input leading edge and WRITE input
trailing edge for each digit is limited to the minimum value. (See Figure 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com