Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM58321 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM58321 Datasheet HTML 3Page - OKI electronic componets MSM58321 Datasheet HTML 4Page - OKI electronic componets MSM58321 Datasheet HTML 5Page - OKI electronic componets MSM58321 Datasheet HTML 6Page - OKI electronic componets MSM58321 Datasheet HTML 7Page - OKI electronic componets MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets MSM58321 Datasheet HTML 10Page - OKI electronic componets MSM58321 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
¡ Semiconductor
MSM58321
13
1
PIN DESCRIPTION
Name
Pin No.
Description
CS2
CS1
WRITE
13
2
Chip select pins. These pins enable the interface with the external circuit when
both of these pins are set at H level simultaneously.
If one of these pins is set at L level, STOP, TEST, WRITE, READ, ADDRESS
WRITE pins and D0 ~ D3 pins are inactivated.
Since the threshold voltage VT for the CS1 pin is higher than that for other pins,
it shuold be connected to the detector of power circuit and peripherals and CS2
is to be connected to the microcontroller.
WRITE pin is used to write data; it is activated when it is at the H level. Data bus
data inside the IC is loaded to the object digit while this WRITE pin is at the H
level, not at the WRITE input edge. Refer to Figure 1 below.
SR
Q
SR
Q
D0
D3
(S1 digit)
WRITE
D0
D1
D2
D3
DATA BUS
S1
CS1 = CS2 = "H"
D0
H
S1
WRITE
F/F D0-
θ
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com