Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM58321 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM58321 Datasheet HTML 1Page - OKI electronic componets MSM58321 Datasheet HTML 2Page - OKI electronic componets MSM58321 Datasheet HTML 3Page - OKI electronic componets MSM58321 Datasheet HTML 4Page - OKI electronic componets MSM58321 Datasheet HTML 5Page - OKI electronic componets MSM58321 Datasheet HTML 6Page - OKI electronic componets MSM58321 Datasheet HTML 7Page - OKI electronic componets MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
¡ Semiconductor
MSM58321
11
DATA VALID
CS1
CS2
D0 ~ D3
(ADDRESS/DATA)
ADDRESS WRITE
READ
,,,,,,,,,
H
L
tCS
tAS
tAW tRH
tRA
tDD
tCH
High Impedance
ADDRESS
DATA
Read Cycle
,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,
,,,,,,,,,
tRI
DATA INVALID
Note: ADDRESS WRITE and READ inputs are activated by the level, not by the edge.
Rating
Symbol
Condition
Max.
Unit
–
–
–
–
–
–
–
–
(VDD = 5V ±5%, Ta = 25°C)
(2) READ mode
–
–
–
–
–
see Note 1
1
–
Typ.
–
–
–
–
–
–
–
–
Min.
0
0
0
0.5
0.1
–
–
0
tCS
tCH
tAS
tAW
tAH
tRA
tDD
tRI
CS setup time
CS hold time
Address setup time
Address write pulse width
Address hold time
Read access time
Read delay time
Read inhibit time
µs
µs
µs
µs
µs
µs
µs
µs
Note 1.
tRA = 1 µs + CR ln (
)
VDD – VIH min
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com