Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM58321 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM58321
Description  REAL TIME CLOCK/CALENDAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM58321 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM58321 Datasheet HTML 2Page - OKI electronic componets MSM58321 Datasheet HTML 3Page - OKI electronic componets MSM58321 Datasheet HTML 4Page - OKI electronic componets MSM58321 Datasheet HTML 5Page - OKI electronic componets MSM58321 Datasheet HTML 6Page - OKI electronic componets MSM58321 Datasheet HTML 7Page - OKI electronic componets MSM58321 Datasheet HTML 8Page - OKI electronic componets MSM58321 Datasheet HTML 9Page - OKI electronic componets MSM58321 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
¡ Semiconductor
MSM58321
12
DATA VALID
CS1
CS2
D0 ~ D3
(ADDRESS/DATA)
ADDRESS WRITE
WRITE
,,,,,,,,,
H
L
tCS
tAS
tAW
tAH tDS
tDH
tCH
High Impedance
ADDRESS
DATA WRITE
Read & Write Cycle
,,,,,,,,,,,
,
,,,,,,
,,,,,,,,
tRI
DATA INVALID
DATA READ
tWW
tRA
tDD
READ
IC internal
ADDRESS
IC internal DATA
Rating
Symbol
Condition
Min.
Typ.
Max.
Unit
CS setup time
CS hold time
Address setup time
Address write pulse width
Address hold time
Data setup time
Write pulse width
Data hold time
Read access time
Read delay time
Read inhibit time
tCS
tCH
tAS
tAW
tAH
tDS
tWW
tDH
tRA
tDD
tRI
–
–
–
–
–
–
–
–
–
–
–
0
0
0
0.5
0.1
0
2
0
–
–
0
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
see Note 1
1
–
µs
µs
µs
µs
µs
µs
µs
µs
µs
µs
µs
(3) WRITE & READ mode
(VDD = 5V ±5%, Ta = 25°C)
tRA = 1 µs + CR ln (
)
Note 1.
VDD – VIH min
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com