Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1X Datasheet(PDF) 12 Page - STMicroelectronics

Part # VL53L1X
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VL53L1X Datasheet HTML 8Page - STMicroelectronics VL53L1X Datasheet HTML 9Page - STMicroelectronics VL53L1X Datasheet HTML 10Page - STMicroelectronics VL53L1X Datasheet HTML 11Page - STMicroelectronics VL53L1X Datasheet HTML 12Page - STMicroelectronics VL53L1X Datasheet HTML 13Page - STMicroelectronics VL53L1X Datasheet HTML 14Page - STMicroelectronics VL53L1X Datasheet HTML 15Page - STMicroelectronics VL53L1X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Functional description
VL53L1X
12/35
DocID031281 Rev 3
2.6
Power sequence
2.6.1
Power up and boot sequence
There are two options available for device power up/boot.
Option 1: the XSHUT pin is connected and controlled from the host.
This option optimizes power consumption as the VL53L1X can be completely powered off
when not used, and then woken up through a host GPIO (using the XSHUT pin).
Hardware (HW) standby mode is defined as the period when the power supply is present
and XSHUT is low.
Figure 7. Power up and boot sequence
Note:
Boot duration is 1.2ms max.
Option 2: the XSHUT pin is not controlled by the host, it is tied to the power supply value
through the pull up resistor.
When the XSHUT pin is not controlled, the power up sequence is presented in Figure 8. In
this case, the device goes automatically to Software (SW) standby after boot, without
entering HW standby.
Figure 8. Power up and boot sequence with XSHUT not controlled
Note:
Boot duration is 1.2 ms max.
Note:
In all cases, XSHUT has to be raised only when the power supply is tied on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com