Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1X Datasheet(PDF) 32 Page - STMicroelectronics

Part # VL53L1X
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VL53L1X Datasheet HTML 27Page - STMicroelectronics VL53L1X Datasheet HTML 28Page - STMicroelectronics VL53L1X Datasheet HTML 29Page - STMicroelectronics VL53L1X Datasheet HTML 30Page - STMicroelectronics VL53L1X Datasheet HTML 31Page - STMicroelectronics VL53L1X Datasheet HTML 32Page - STMicroelectronics VL53L1X Datasheet HTML 33Page - STMicroelectronics VL53L1X Datasheet HTML 34Page - STMicroelectronics VL53L1X Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Packaging and labeling
VL53L1X
32/35
DocID031281 Rev 3
Note:
As the VL53L1X package is not sealed, only a dry reflow process should be used (such as
convection reflow). Vapor phase reflow is not suitable for this type of optical component.
The VL53L1X is an optical component and as such, it should be treated carefully. This
would typically include using a ‘no-wash’ assembly process
8.6
Handling and storage precautions
8.6.1
Shock precaution
Sensor modules house numerous internal components that are susceptible to shock
damage. If a unit is subject to excessive shock, is dropped on the floor, or a tray/reel of units
is dropped on the floor, it must be rejected, even if no apparent damage is visible.
8.6.2
Part handling
Handling must be done with non-marring ESD safe carbon, plastic, or teflon tweezers.
Ranging modules are susceptible to damage or contamination. The customer is advised to
use a clean assembly process after removing the tape from the parts, and until a protective
cover glass is mounted.
8.6.3
Compression force
A maximum compressive load of 25 N should be applied on the module.
8.6.4
Moisture sensitivity level
Moisture sensitivity is level 3 (MSL) as described in IPC/JEDEC JSTD-020-C
8.7
Storage temperature conditions
Table 19. Recommended storage conditions
Parameter
Min.
Typ.
Max.
Unit
Temperature (storage)
-40
23
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com