Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1X Datasheet(PDF) 23 Page - STMicroelectronics

Part # VL53L1X
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VL53L1X Datasheet HTML 19Page - STMicroelectronics VL53L1X Datasheet HTML 20Page - STMicroelectronics VL53L1X Datasheet HTML 21Page - STMicroelectronics VL53L1X Datasheet HTML 22Page - STMicroelectronics VL53L1X Datasheet HTML 23Page - STMicroelectronics VL53L1X Datasheet HTML 24Page - STMicroelectronics VL53L1X Datasheet HTML 25Page - STMicroelectronics VL53L1X Datasheet HTML 26Page - STMicroelectronics VL53L1X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID031281 Rev 3
23/35
VL53L1X
Electrical characteristics
35
5
Electrical characteristics
5.1
Absolute maximum ratings
Note:
Stresses above those listed in Table 13 may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
5.2
Recommended operating conditions
5.3
ESD
The VL53L1X is compliant with ESD values presented inTable 15
Table 13. Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
AVDD
-0.5
-
3.6
V
SCL, SDA, XSHUT and GPIO1
-0.5
-
3.6
Table 14. Recommended operating conditions (1)
1. There are no power supply sequencing requirements. The I/Os may be high, low, or floating when AVDD is
applied. The I/Os are internally failsafe with no diode connecting them to AVDD
Parameter
Min.
Typ.
Max.
Unit
Voltage (AVDD)
2.6
2.8
3.5
V
IO (IOVDD) (2)
2. XSHUT should be high level only when AVDD is on.
Standard mode
1.6
1.8
1.9
2V8 mode (3)(4)
3. SDA, SCL, XSHUT and GPIO1 high levels have to be equal to AVDD in 2V8 mode.
4. The default driver mode is 1V8.
2V8 mode is programmable using device settings loaded by the driver. For more details please refer to the
VL53L1X API user manual (UM2356).
2.6
2.8
3.5
Ambient temperature (normal operating)
-20
85
°C
Table 15. ESD performances
Parameter
Specification
Conditions
Human body model
JS-001-2012
± 2 kV, 1500 Ohms, 100 pF
Charged device model
JESD22-C101
± 500 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com