Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1X Datasheet(PDF) 28 Page - STMicroelectronics

Part # VL53L1X
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VL53L1X Datasheet HTML 24Page - STMicroelectronics VL53L1X Datasheet HTML 25Page - STMicroelectronics VL53L1X Datasheet HTML 26Page - STMicroelectronics VL53L1X Datasheet HTML 27Page - STMicroelectronics VL53L1X Datasheet HTML 28Page - STMicroelectronics VL53L1X Datasheet HTML 29Page - STMicroelectronics VL53L1X Datasheet HTML 30Page - STMicroelectronics VL53L1X Datasheet HTML 31Page - STMicroelectronics VL53L1X Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Laser safety considerations
VL53L1X
28/35
DocID031281 Rev 3
7
Laser safety considerations
The VL53L1X contains a laser emitter and corresponding drive circuitry. The laser output is
designed to remain within Class 1 laser safety limits under all reasonably foreseeable
conditions including single faults in compliance with IEC 60825-1:2014 (third edition).
The laser output remains within Class 1 limits as long as the STMicroelectronics’
recommended device settings (driver settings) are used and the operating conditions
specified are respected.
The laser output remains within Class 1 limits as long as the STMicroelectronic’s
recommended device settings are used and the operating conditions specified are
respected (particularly the maximum timing budget, as described in the VL53L1X API user
manual UM2356).
The laser output power must not be increased by any means and no optics should be used
with the intention of focusing the laser beam.
Caution:
Use of controls or adjustments or performance of procedures other than those specified
herein may result in hazardous radiation exposure.
Figure 21. Class 1 laser product label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com