Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1X Datasheet(PDF) 20 Page - STMicroelectronics

Part # VL53L1X
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VL53L1X Datasheet HTML 16Page - STMicroelectronics VL53L1X Datasheet HTML 17Page - STMicroelectronics VL53L1X Datasheet HTML 18Page - STMicroelectronics VL53L1X Datasheet HTML 19Page - STMicroelectronics VL53L1X Datasheet HTML 20Page - STMicroelectronics VL53L1X Datasheet HTML 21Page - STMicroelectronics VL53L1X Datasheet HTML 22Page - STMicroelectronics VL53L1X Datasheet HTML 23Page - STMicroelectronics VL53L1X Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Control interface
VL53L1X
20/35
DocID031281 Rev 3
Figure 13. VL53L1X data format (write)
As data are received by the slave, they are written bit-by-bit to a serial/parallel register. After
each data byte has been received by the slave, an acknowledge is generated, the data are
then stored in the internal register addressed by the current index.
During a read message, the contents of the register addressed by the current index is read
out in the byte following the device address byte. The contents of this register are parallel
loaded into the serial/parallel register and clocked out of the device by the falling edge of
SCL.
Figure 14. VL53L1X data format (read)
At the end of each byte, in both read and write message sequences, an acknowledge is
issued by the receiving device (that is, the VL53L1X for a write and the host for a read).
A message can only be terminated by the bus master, either by issuing a stop condition or
by a negative acknowledge (that is, not pulling the SDA line low) after reading a complete
byte during a read operation.
The interface also supports auto-increment indexing. After the first data byte has been
transferred, the index is automatically incremented by 1. The master can therefore send
data bytes continuously to the slave until the slave fails to provide an acknowledge or the
master terminates the write communication with a stop condition. If the auto-increment
feature is used the master does not have to send address indexes to accompany the data
bytes.
Figure 15. VL53L1X data format (sequential write)
VL53L1X acknowledges
Acknowledge from VL53L1X
S
As
ADDRESS[7:0]
INDEX[15:8]
As
DATA[7:0]
As P
0x52 (write)
Start
Stop
valid address
As
INDEX[7:0]
S
As
ADDRESS[7:0]
INDEX[7:0]
As P
0x52 (write)
S
As
ADDRESS[7:0]
Am
DATA[7:0]
P
0x53 (read)
INDEX[15:8]
As
P
As
DATA[7:0]
As
DATA[7:0]
As
DATA[7:0]
S
As
ADDRESS[7:0]
INDEX[7:0]
As P
0x52 (write)
INDEX[15:8]
As



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com