Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPCQ32 Datasheet(PDF) 29 Page - Intel Corporation

Part # EPCQ32
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ32 Datasheet(HTML) 29 Page - Intel Corporation

Back Button EPCQ32 Datasheet HTML 25Page - Intel Corporation EPCQ32 Datasheet HTML 26Page - Intel Corporation EPCQ32 Datasheet HTML 27Page - Intel Corporation EPCQ32 Datasheet HTML 28Page - Intel Corporation EPCQ32 Datasheet HTML 29Page - Intel Corporation EPCQ32 Datasheet HTML 30Page - Intel Corporation EPCQ32 Datasheet HTML 31Page - Intel Corporation EPCQ32 Datasheet HTML 32Page - Intel Corporation EPCQ32 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Figure 5.
Write Non-Volatile Configuration Register Operation Timing Diagram
7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
nCS
DCLK
DATA0
DATA
Operation Code
(B1h)
High Impedance
Byte
Byte
LS Byte
MS Byte
NVCR In
1.7. Summary of Operation Codes
Table 31.
Summary of Operation Codes
Operation
Operation Code(14)
Address Bytes
Dummy Clock
Cycles
Data Bytes
DCLK fMAX
(MHz)
Read status register
05h
0
0
1 to infinite(15)
100
Read flag status register
70h
0
0
1 to infinite
100
Read bytes
03h
3 or 4
0
1 to infinite(15)
50
Read non-volatile
configuration register
B5h
0
0
2
100
Read device identification
9Fh
0
2
1
100
Fast read
0Bh
3 or 4
8(16)
1 to infinite(15)
100
Extended dual input fast
read
BBh
3 or 4
8(16)
1 to infinite(15)
100
Extended quad input fast
read
EBh
3 or 4
10(16)
1 to infinite(15)
100
Write enable
06h
0
0
0
100
Write disable
04h
0
0
0
100
Write status
01h
0
0
1
100
Write bytes
02h
3 or 4
0
1 to 256(17)
100
Write non-volatile
configuration register
B1h
0
0
2
100
continued...
(14) List MSB first and LSB last.
(15) The status register or data, is read out at least once and is continuously read out until the nCS
pin is driven high.
(16) You can configure the number of dummy clock cycles. Refer to Non-Volatile Configuration
Register on page 27 for more information.
(17) A write bytes operation requires at least one data byte. If more than 256 bytes are sent to the
device, only the last 256 bytes are written to the memory.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com