Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPCQ32 Datasheet(PDF) 5 Page - Intel Corporation

Part # EPCQ32
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ32 Datasheet(HTML) 5 Page - Intel Corporation

  EPCQ32 Datasheet HTML 1Page - Intel Corporation EPCQ32 Datasheet HTML 2Page - Intel Corporation EPCQ32 Datasheet HTML 3Page - Intel Corporation EPCQ32 Datasheet HTML 4Page - Intel Corporation EPCQ32 Datasheet HTML 5Page - Intel Corporation EPCQ32 Datasheet HTML 6Page - Intel Corporation EPCQ32 Datasheet HTML 7Page - Intel Corporation EPCQ32 Datasheet HTML 8Page - Intel Corporation EPCQ32 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
1.2. Features
EPCQ devices offer the following features:
•
Serial or quad-serial FPGA configuration in devices that support active serial (AS)
x1 or AS x4 configuration schemes(2)
•
Low cost, low pin count, and non-volatile memory
•
2.7-V to 3.6-V operation
•
Available in 8- or 16- small-outline integrated circuit (SOIC) package
•
Reprogrammable memory with up to 100,000 erase or program cycles
•
Write protection support for memory sectors using status register bits
•
Fast read, extended dual input fast read, and extended quad input fast read of the
entire memory using a single operation code
•
Write bytes, extended dual input fast write bytes, and extended quad input fast
write bytes of the entire memory using a single operation code
•
Reprogrammable with an external microprocessor using the SRunner software
driver
•
In-system programming (ISP) support with the SRunner software driver
•
ISP support with Intel FPGA Download CableIntel FPGA Download Cable II, Intel
FPGA Ethernet Cable
•
By default, the memory array is erased and the bits are set to 1
•
More than 20 years data retention
Related Information
Errata Sheet for EPCQ Devices
1.3. Operating Conditions
Tables in this section list information about the absolute maximum ratings,
recommended operating conditions, DC operating conditions, ICC supply current, and
capacitance for EPCQ devices.
Note:
The values of the tables in this section are finalized for EPCQ16, EPCQ32, EPCQ64,
EPCQ128, EPCQ256, and EPCQ512/A devices. The operating conditions for all of these
devices are the same unless indicated otherwise.
1.3.1. Absolute Maximum Ratings
Table 2.
Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Max
Unit
VCC
Supply voltage
With respect to GND
–0.6
4
V
VI (3)
DC input voltage
With respect to GND
–0.6
4
V
continued...
(2) AS x4 is not supported in EPCQ512 devices. Refer to the Errata Sheet for EPCQ Devices for
more information.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com