Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPCQ32 Datasheet(PDF) 39 Page - Intel Corporation

Part # EPCQ32
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ32 Datasheet(HTML) 39 Page - Intel Corporation

Back Button EPCQ32 Datasheet HTML 35Page - Intel Corporation EPCQ32 Datasheet HTML 36Page - Intel Corporation EPCQ32 Datasheet HTML 37Page - Intel Corporation EPCQ32 Datasheet HTML 38Page - Intel Corporation EPCQ32 Datasheet HTML 39Page - Intel Corporation EPCQ32 Datasheet HTML 40Page - Intel Corporation EPCQ32 Datasheet HTML 41Page - Intel Corporation EPCQ32 Datasheet HTML 42Page - Intel Corporation EPCQ32 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
The device initiates a self-timed erase sector cycle immediately after the nCS signal is
driven high. For details about the self-timed erase sector cycle time, refer to tES in the
related information below. You must account for this amount of delay before another
page of memory is written. Alternatively, you can check the write in progress bit in the
status register by executing the read status operation while the self-timed erase cycle
is in progress. The write in progress bit is set to 1 during the self-timed erase cycle
and 0 when it is complete. The write enable latch bit in the status register is set to 0
before the self-timed erase cycle is complete.
Related Information
Write Operation Timing on page 40
The Write Operation Parameters provides more information about tWS, tES and tWB.
1.7.14. Erase Subsector Operation
The erase subsector operation allows you to erase a certain subsector in the EPCQ
device by setting all the bits inside the subsector to 1 or 0xFF. This operation is useful
if you want to access the unused subsectors as a general purpose memory in your
applications. You must execute the write enable operation before the erase subsector
operation.
When you execute the erase subsector operation, you must first shift in the erase
subsector operation code, followed by the 3-byte addressing mode (A[23..0]) or the
4-byte addressing mode (A[31..0]) of the chosen subsector on the DATA0 pin. The
3-byte addressing mode or the 4-byte addressing mode for the erase subsector
operation can be any address inside the specified subsector. For details about the
subsector address range, refer to the related information below. Drive the nCS signal
high after the eighth bit of the erase subsector operation code has been latched in.
Figure 21.
Erase Subsector Operation Timing Diagram
To access the entire EPCQ256 or EPCQ512/A memory, use 4-byte addressing mode. In the 4-byte addressing
mode, the address width is 32-bit address.
DATA0
Operation Code (20h)
24-Bit Address
nCS
DCLK
0
1
2
3
4
5
6
7
8
9
28 29 30 31
3
2
1
0
23 22
MSB
The device initiates a self-timed erase subsector cycle immediately after the nCS
signal is driven high. For details about the self-timed erase subsector cycle time, refer
to related the information below. You must account for this amount of delay before
another page of memory is written. Alternatively, you can check the write in progress
bit in the status register by executing the read status operation while the self-timed
erase cycle is in progress. The write in progress bit is set to 1 during the self-timed
erase cycle and 0 when it is complete. The write enable latch bit in the status register
is set to 0 before the self-timed erase cycle is complete.
Related Information
•
Write Operation Timing on page 40
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com