Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPCQ32 Datasheet(PDF) 32 Page - Intel Corporation

Part # EPCQ32
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ32 Datasheet(HTML) 32 Page - Intel Corporation

Back Button EPCQ32 Datasheet HTML 28Page - Intel Corporation EPCQ32 Datasheet HTML 29Page - Intel Corporation EPCQ32 Datasheet HTML 30Page - Intel Corporation EPCQ32 Datasheet HTML 31Page - Intel Corporation EPCQ32 Datasheet HTML 32Page - Intel Corporation EPCQ32 Datasheet HTML 33Page - Intel Corporation EPCQ32 Datasheet HTML 34Page - Intel Corporation EPCQ32 Datasheet HTML 35Page - Intel Corporation EPCQ32 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Figure 9.
Write Disable Operation Timing Diagram
Operation Code (04h)
DATA0
nCS
DCLK
DATA[3:1]
High Impedance
0
1
2
3
4
5
6
7
1.7.4. Read Bytes Operation (03h)
When you execute the read bytes operation, you first shift in the read bytes operation
code, followed by a 3-byte addressing mode (A[23..0]) or a 4-byte addressing mode
(A[31..0]). Each address bit must be latched in on the rising edge of the DCLK
signal. After the address is latched in, the memory contents of the specified address
are shifted out serially on the DATA1 pin, beginning with the MSB. For reading Raw
Programming Data File (.rpd), the content is shifted out serially beginning with the
LSB. Each data bit is shifted out on the falling edge of the DCLK signal. The maximum
DCLK
frequency during the read bytes operation is 50 MHz.
Figure 10.
Read Bytes Operation Timing Diagram
To access the entire EPCQ256 or EPCQ512/A memory, use 4-byte addressing mode. In the 4-byte addressing
mode, the address width is 32-bit address.
nCS
DCLK
DATA0
DATA1
0
1
2
3
4
5
6
7
8
9
10
28 29 30 31 32 33 34 35 36 37 38 39
Operation Code (03h)
24-Bit Address
23 22 21
3
2
1
0
7
7
6
5
4
3
2
1
0
MSB
MSB
High Impedance
DATA Out 1
DATA Out 2
The first byte address can be at any location. The device automatically increases the
address to the next higher address after shifting out each byte of data. Therefore, the
device can read the whole memory with a single read bytes operation. When the
device reaches the highest address, the address counter restarts at 0x000000,
allowing the memory contents to be read out indefinitely until the read bytes
operation is terminated by driving the nCS signal high. If the read bytes operation is
shifted in while a write or erase cycle is in progress, the operation is not executed and
does not affect the write or erase cycle in progress.
Related Information
Write Operation Timing on page 40
The Write Operation Parameters provides more information about tWS, tES and tWB.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com