Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPCQ32 Datasheet(PDF) 31 Page - Intel Corporation

Part # EPCQ32
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ32 Datasheet(HTML) 31 Page - Intel Corporation

Back Button EPCQ32 Datasheet HTML 27Page - Intel Corporation EPCQ32 Datasheet HTML 28Page - Intel Corporation EPCQ32 Datasheet HTML 29Page - Intel Corporation EPCQ32 Datasheet HTML 30Page - Intel Corporation EPCQ32 Datasheet HTML 31Page - Intel Corporation EPCQ32 Datasheet HTML 32Page - Intel Corporation EPCQ32 Datasheet HTML 33Page - Intel Corporation EPCQ32 Datasheet HTML 34Page - Intel Corporation EPCQ32 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Figure 7.
4BYTEADDREX Timing Diagram
Operation Code (E9h)
3 4 5 6 7
1
0
2
nCS
DCLK
DATA0
Related Information
Write Enable Operation (06h) on page 31
1.7.2. Write Enable Operation (06h)
When you enable the write enable operation, the write enable latch bit is set to 1 in
the status register. You must execute this operation before the write bytes, write
status, erase bulk, erase sector, extended dual input fast write bytes, extended quad
input fast write bytes, 4BYTEADDREN, and 4BYTEADDREX operations.
Figure 8.
Write Enable Operation Timing Diagram
nCS
DCLK
DATA0
DATA[3:1]
Operation Code (06h)
High Impedance
0
1
2
3
4
5
6
7
1.7.3. Write Disable Operation (04h)
The write disable operation resets the write enable latch bit in the status register. To
prevent the memory from being written unintentionally, the write enable latch bit is
automatically reset when implementing the write disable operation, and under the
following conditions:
•
Power up
•
Write bytes operation completion
•
Write status operation completion
•
Erase bulk operation completion
•
Erase sector operation completion
•
Extended dual input fast write bytes operation completion
•
Extended quad input fast write bytes operation completion
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com