Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK808 Datasheet(PDF) 39 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 39 Page - Rockchip Electronics Co., Ltd

Back Button RK808 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 40Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 41Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 42Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 43Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
39
21
VB_MON_REG
RW
06
22
THERMAL_REG
RW
00
POWER CHANNEL CONTROL/MONITOR REGISTERS
23
DCDC_EN_REG
RW
boot
24
LDO_EN_REG
RW
boot
25
SLEEP_SET_OFF_REG1
RW
00
26
SLEEP_SET_OFF_REG2
RW
00
27
DCDC_UV_STS_REG
RO
00
28
DCDC_UV_ACT_REG
RW
1F
29
LDO_UV_STS_REG
RO
00
2A
LDO_UV_ACT_REG
RW
FF
2B
DCDC_PG_REG
RO
00
2C
LDO_PG_REG
RO
00
2D
VOUT_MON_TDB_REG
RW
02
POWER CHANNEL CONFIGIGRATION REGISTERS
2E
BUCK1_CONFIG_REG
RW
01
2F
BUCK1_ON_VSEL
RW
boot
30
BUCK1_SLP_VSEL
RW
00
31
BUCK1_DVS_VSEL
RW
00
32
BUCK2_CONFIG_REG
RW
01
33
BUCK2_ON_VSEL
RW
boot
34
BUCK2_SLP_VSEL
RW
00
35
BUCK2_DVS_VSEL
RW
00
36
BUCK3_CONFIG_REG
RW
01
37
BUCK4_CONFIG_REG
RW
00
38
BUCK4_ON_VSEL
RW
boot
39
BUCK4_SLP_VSEL_REG
RW
00
90
DCDC_ILMAX_REG
RW
00
3B
LDO1_ON_VSEL_REG
RW
boot
3C
LDO1_SLP_VSEL_REG
RW
00
3D
LDO2_ON_VSEL_REG
RW
boot
3E
LDO2_SLP_VSEL_REG
RW
00
3F
LDO3_ON_VSEL_REG
RW
boot
40
LDO3_SLP_VSEL_REG
RW
00
41
LDO4_ON_VSEL_REG
RW
boot
42
LDO4_SLP_VSEL_REG
RW
00
43
LDO5_ON_VSEL_REG
RW
boot
44
LDO5_SLP_VSEL_REG
RW
00
45
LDO6_ON_VSEL_REG
RW
boot
46
LDO6_SLP_VSEL_REG
RW
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com