Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK808 Datasheet(PDF) 53 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 53 Page - Rockchip Electronics Co., Ltd

Back Button RK808 Datasheet HTML 49Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 50Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 51Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 52Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 53Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 54Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 55Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 56Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 57Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
53
1, Output voltage drop below 85% of nominal voltage
0, Normal
Bit 2
LDO3_UV_STS: LDO3 under voltage flag.
1, Output voltage drop below 85% of nominal voltage
0, Normal
Bit 1
LDO2_UV_STS: LDO2 under voltage flag.
1, Output voltage drop below 85% of nominal voltage
0, Normal
Bit 0
LDO1_UV_STS: LDO1 under voltage flag.
1, Output voltage drop below 85% of nominal voltage
0, Normal
15.2.3.8
LDO_UV_ACT_REG : LDO Under Voltage Action Register
Address: 2AH
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
LDO8_U
V_ACT
LDO7_U
V_ACT
LDO6_U
V_ACT
LDO5_U
V_ACT
LDO4_U
V_ACT
LDO3_U
V_ACT
LDO2_U
V_ACT
LDO1_U
V_ACT
Default
1
1
1
1
1
1
1
1
Description
Bit 7
LDO8_UV_ACT: LDO8 under voltage action
1: restart converter
0: No effect
Bit 6
LDO7_UV_ACT: LDO7 under voltage action
1: restart converter
0: No effect
Bit 5
LDO6_UV_ACT: LDO6 under voltage action
1: restart converter
0: No effect
Bit 4
LDO5_UV_ACT: LDO5 under voltage action
1: restart converter
0: No effect
Bit 3
LDO4_UV_ACT: LDO4 under voltage action
1: restart converter
0: No effect
Bit 2
LDO3_UV_ACT: LDO3 under voltage action
1: restart converter
0: No effect
Bit 1
LDO2_UV_ACT: LDO2 under voltage action
1: restart converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com