Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK808 Datasheet(PDF) 10 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 10 Page - Rockchip Electronics Co., Ltd

Back Button RK808 Datasheet HTML 6Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 7Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 8Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 9Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 10Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 11Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 12Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 13Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 14Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
10
4 TYPICAL APPLICATION DIAGRAMS
VCC6
4.7uF
Vsys
VCCA
4.7uF Vsys
VDDIO
4.7uF VCC_IO
VCCRTC
4.7uF Vsys
VLDOA
2.2uF
VLDO1
2.2uF
VLDO2
2.2uFVcca_33
OSC32KIN
25pF
25pF
OSC32KOUT
32.768K
SW1
SW1
2.2uH/5A
GND1
33uF
GND1
VDD_ARM
VFB1
SW3
VFB3
GND3
SW4
GND4
VFB4
VCC1
4.7uF
Vsys
VCC1
2.2uH/3A
33uF
VCC_DDR
4.7uF
Vsys
VCC3
VCC4
2.2uH/3A
33uF
VCC_IO
4.7uF
Vsys
Vcc_tp
VCC7
4.7uF
VCC_IO
VLDO3
2.2uF
VLDO7
4.7uF
Vcc18_cif
Vdd_11
VCC8
4.7uF
VSWOUT1
2.2uF Vcc_sd
VCC9
4.7uF
VLDO4
2.2uFVcc_25
VLDO5
2.2uF
Vcc28_cif
VCC10
4.7uF
VLDO6
2.2uFVcc_12
VCC11
4.7uF
VLDO8
2.2uF
Vcc33_wifi
VCC12
4.7uF
VSWOUT2
2.2uFVcc_lcd
CLK32KOUT1
CLK32KOUT2
VDC
VREF
0.1uF
REFGND
AGND
DGND
DVS1
DVS1
DVS2
DVS2
DVSOK
SLEEP
SLEEP
INT
NRESPWON
PWRON
PWRON
10K
BOOT0
BOOT0
BOOT1
BOOT1
10K
AP
Power
Path
BAT
Vsys
USB/Adapter
EXT_EN
(VCC_IO)
VCC_IO
VCC_IO
VCC_IO
VCC_IO
VCC_IO
200K
33K
SCL
4.7K
SDA
4.7K
SCL
SDA
GPS
100K
100K
100K
100K
VCC_IO
VCC_IO
22nF
VCCRTC
VCCRTC
VCCRTC
100K
SW2
SW2
2.2uH/5A
GND2
33uF
GND2
VDD_LOGIC
VFB1
VCC2
4.7uF
Vsys
VCC2
VCCRTC
VPPOTP
RESET
10K
Vsys
10K
VCCRTC
Figure 4-1 RK808 One Battery Cell Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com