Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK808 Datasheet(PDF) 13 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 13 Page - Rockchip Electronics Co., Ltd

Back Button RK808 Datasheet HTML 9Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 10Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 11Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 12Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 13Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 14Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 15Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 16Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 17Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
13
8 ELECTRICAL CHARACTERISTICS
TJ=25C; VBAT=VCCx=3.8V, VDDIO=3V unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
General
Input supply voltage range ( VBAT )
VINPUT
2.7
5.5
V
Battery low alarm voltage
(2.8V~3.5V programmable, step=100mV)
VBLO
3.25
3.3
3.35
V
Battery under voltage threshold (vin falling)
VBUVL
2.5
V
Battery under voltage threshold (vin rising)
VBUVH
2.6
2.7
2.8
V
Battery OK voltage threshold
(3.0V/3.4V/3.5V/3.6V OTP programmable)
VBOK
3.0
V
Power on Reset Threshold (Rising)
VPORH
2.2
V
Power on Reset Threshold (Falling)
VPORL
1.2
V
Over Voltage Lock Out Threshold (Vin Rising)
VTH(OVLO)
5.7
6.0
6.3
V
Over Voltage Lock Out Hysteresis
VHYS (OVLO)
0.2
V
VDC pin threshold(rising edge)
VDCH
0.6
V
VDC pin threshold(falling edge)
VDCL
0.54
V
Stand-by current, VDD=3.6V, device OFF state
32KHz clock running
IQ(STNBY)
60
uA
Hot-die temperature rising threshold
(85℃~115℃ programmable, step=10℃)
THD
85
115
℃
Thermal shut down
(140℃~170℃ programmable, step=30℃)
TTSD
140
170
℃
Oscillator circuit
Switching Frequency CH1,2,3,4( Tj=25℃ )
fSW
1.8
2
2.2
MHz
Logic inputs
Input LOW-Level Voltage (VDDIO)
VIL
0.3xVDDIO
V
Input HIGH-Level Voltage (VDDIO)
VIH
0.7xVDDIO
V
Logic outputs
LOW-Level Output Voltage,
3.0 mA sink
current
VOL
0.4
V
HIGH-Level Output Voltage,
3.0 mA source
current
VOH
VDDIO-0.4
V
NRESPWON pin LOW-Level Output Voltage,
3.0mA sink current
VOL(NRES)
0.4
V
CLK32KOUT1 pin LOW-Level Output Voltage,
VOL(CLKO1)
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com