Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK808 Datasheet(PDF) 14 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 14 Page - Rockchip Electronics Co., Ltd

Back Button RK808 Datasheet HTML 10Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 11Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 12Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 13Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 14Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 15Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 16Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 17Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 18Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
14
Parameter
Symbol
Min.
Typ.
Max.
Unit
3.0mA sink current
CLK32KOUT2 pin LOW-Level Output Voltage,
3.0mA sink current
VOL(CLKO2)
0.4
CLK32KOUT2
pin
HIGH-Level
Output
Voltage, 3.0mA source current
VOH(CLKO2)
VDDIO-0.4
V
CH1 Buck1 Regulator (VDD_ARM)
Input supply voltage range
VINPUT1
2.7
5.5
V
Voltage Adjustable Range, 6bit
VFB1
0.7125
1.500
V
DC output voltage programmable step(DVS)
12.5
mV
Output voltage transition rate
BUCK1_RATE=00
BUCK1_RATE=01
BUCK1_RATE=10
BUCK1_RATE=11
2
3.6
5
6.5
mV/us
DVS OK threshold (Vout rising)
VDVSOKR1
93
%
DVS OK threshold (Vout falling)
VDVSOKF1
107
%
Power Good threshold (Vout rising)
VPG1
93
%
Output under voltage lockout(Vout falling)
VUV1
85
%
Output over voltage lockout (Vout rising)
VOV1
117
%
Preset Voltage, Default( Tj=25℃ )
VFB1(Default)
1.078
1.100
1.122
V
Preset Voltage, Default(-10℃≦Tj≦+85℃)
VFB1(Default)
1.067
1.100
1.133
V
Load Regulation, IOUT1 = 100mA to 5A
1
%/A
Line Regulation, VCC1 = 3 to 5V, IOUT1 = 1A
0.1
%/V
Rated output current(If ICL1=6A)
IMAX1
5
A
Switch Current Limit
(4.5A~6A programmable, step=0.5A)
ICL1
6
A
Operating
Quiescent
Current,
No
load,
VDD=3.8V
IQ1
70
uA
Minimun Switch Current Limit
(50mA~400mA programmable, step=50mA)
ICLMIN1
100
mA
Soft-start Time
tSS1
400
us
COUT Discharge Switch ON Resistance
RDIS1
250
ohm
Conversion Effeciency (Vin=3.8V,Vout=1.1V)
Iout=5A
Iout=4A
Iout=3A
Iout=2A
Iout=1 A
68
73
78
84
89
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com