Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2811 Datasheet(PDF) 2 Page - WORLDSEMI CO., LIMITED

Part # WS2811
Description  output port compression 12V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2811 Datasheet(HTML) 2 Page - WORLDSEMI CO., LIMITED

  WS2811 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WS2811
Signal line 256 Gray level 3 channal
Constant current LED drive IC
http://www.world-semi.com
PIN configuration
PIN function
NO.
Symbol
Function description
1
OUTR
Output of Red PWM control
2
OUTG
Output of Green PWM control
3
OUTB
Output of Blue PWM control
4
GND
Ground
5
DOUT
Data signal cascade output
6
DIN
Data signal input
7
SET
Set work mode of IC as
low speed model(connect VDD)
or high speed model(vacant)
8
VDD
Power supply voltage
Absolute Maximum Ratings
Prameter
Symbol
Ratings
Unit
Power supply voltage
VDD
+6.0~+7.0
V
Output voltage
VOUT
12
V
Input voltage
VI
-0.5~VDD+0.5
V
Operation junction
temperature
Topt
-25~+85
℃
Storage temperature range
Tstg
-55~+150
℃
Note: If the voltage on the pins exceeds the maximum ratings may cause permanent damage to the
device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com