Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2811 Datasheet(PDF) 5 Page - WORLDSEMI CO., LIMITED

Part # WS2811
Description  output port compression 12V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2811 Datasheet(HTML) 5 Page - WORLDSEMI CO., LIMITED

  WS2811 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WS2811
Signal line 256 Gray level 3 channal
Constant current LED drive IC
http://www.world-semi.com
Typical application circuit:
1.
power supply is 5V with 1 LED and constant current (18.5mA) driving
B
G
R
100R
104
33R
5V
33R
B
G
R
100R
104
33R
5V
VCC
DAT
GND
VDD OUTB OUTG OUTR
DI N
GND
DO
GND
WS2811
VDD OUTB OUTG OUTR
DI N
GND
DO
GND
WS2811
depend on controller
33R
Fig 1
This driving mode use constant current output, the advantage of is the LED can retain luminance and
colour temperature when the power supply lessen. We require, in order to prevent power spikes phenomenon
and power reverse polarity, series a not more than 100ohm resistor at the po-wer supply pin(VDD). The capac-
itance 104 as bypass capacitor. To prevent the reflection and hot-swap protection, we suggest to connect a
33
ohm resistor at the data input or output port for impedance.
2.power supply is 12V with 3 LED and constant current(18.5mA) driving
B
B
B
G
G
G
R
R
R
104
33R
33R
B
B
B
G
G
G
R
R
R
104
33R
12V
12V
VDD OUTB OUTG OUTR
DI N
GND
DO
GND
WS2811
VDD OUTB OUTG OUTR
DI N
GND
DO
GND
WS2811
VCC
DAT
GND
R1
R1
RR
RR
33R
depend on controller
Fig 2
The same as the front mode, it is also use constant current output. In this circuit, R1 is used as the IC
internal LDO divider resistance and the value is 2.7K. The capacitance 104 as bypass capacitor. To prevent the
reflection and hot-swap protection, we suggest to connect a 33ohm resistor at the data input or output port for
impedance. At the OUTR port we should add a divider resistance RR. The value of RR can be derived
by
the following equation:
5
.
18
3
-
12
LEDR
V
RR
=
KΩ
VLEDR is the red LED forward conduction voltage drop.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com