Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2811 Datasheet(PDF) 1 Page - WORLDSEMI CO., LIMITED

Part # WS2811
Description  output port compression 12V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2811 Datasheet(HTML) 1 Page - WORLDSEMI CO., LIMITED

  WS2811 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WS2811
Signal line 256 Gray level 3 channal
Constant current LED drive IC
http://www.world-semi.com
Feature
l
Output port compression 12V.
l
Built in stabilivolt, Only add a resistance to IC
VDD feet when under 24V power supply.
l
Gray level 256 can be adjusted and scan freque
ncy not less than 400Hz/s.
l
Built in signal reshaping circuit,after wave resha-
ping to the next driver, ensure wave-form distor-
tion not accumulate.
l
Built-in electric reset circuit and power lost reset
circuit.
l
Cascading port transmission signal by single lin-
e.
l
Any two point the distance more than 10m tran-
smission signal without any increasecircuit.
l
When the refresh rate is 30fps, low speedmodelc
ascade number are not less than 512 points, hig-
h speed mode not less than1024 points.
l
Send data at speeds of up to 400 Kbps and 800
Kbps two patterns.
Applications
l
LED decorative lighting.
l
Indoor/outdoor LED video or irregular screen.
General description
The WS2811 is 3 output channels special for LED driver circuit. It internal include intelligent digital port
data latch and signal reshaping amplification drive circuit.Also include a precision internal oscillator and a 12V
voltage programmable constant current output drive. In the purpose of reduce power supply ripple, the 3 outp-
ut channels designed to delay turn-on function.
IC use single NZR communication mode.After the chip power-on reset, the DIN port receivedata from con
troller, the first IC collect initial 24bit data then sent to the internal data latch, theother data which reshaping
by the internal signal reshaping amplification circuit sent to the next cascade IC through the DO port. After
transmission for each chip,the signal to reduce 24bit. IC adopt auto reshaping transmit technology, making the
chip cascade number is not limited the signal transmission, only depend on the speed of signal transmission.
The data latch of IC depend on the received 24bit data produce different duty ratio signal at OUTR,
OUTG, OUTB port. All chip synchronous send the received data to each segment when the DIN port input a
reset signal. It will receive new data again After the reset signal finished. Before a new reset signal received,
the control signal of OUTR ,OUTG, OUTB port unchanged. IC sent PWM data that received justly to OUTR,
OUTG, OUTB port, after receive a low voltage reset signal the time retain over 50us. We offer two package
SOP8 and DIP8.


Similar Part No. - WS2811

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2812 ETC2-WS2812 Datasheet
277Kb / 5P
Intelligent control LED integrated light source
logo
WORLDSEMI CO., LIMITED
WS2812 WORLDSEMI-WS2812 Datasheet
1Mb / 13P
DIGITAL LED WS2812 Series Upgrade Instructions
logo
Raspberry Pi Holdings P...
WS2812 RASPBERRY-PI-WS2812 Datasheet
4Mb / 98P
Created by Phillip Burgess
2020-09-29
logo
WORLDSEMI CO., LIMITED
WS2812B WORLDSEMI-WS2812B Datasheet
352Kb / 5P
Intelligent control LED integrated light source
WS2812B-2020 WORLDSEMI-WS2812B-2020 Datasheet
674Kb / 9P
Intelligent control LED integrated light source
More results

Similar Description - WS2811

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5039B12 ROHM-BP5039B12 Datasheet
37Kb / 3P
AC100V input, 12V/300mA output
BP5041A ROHM-BP5041A Datasheet
37Kb / 3P
AC220V input, 12V/100mA output
logo
Golledge Electronics Lt...
HCD71 GOLLEDGE-HCD71 Datasheet
67Kb / 1P
12V OCXO Sine Output
MCOCXO GOLLEDGE-MCOCXO_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output
MCOCXOS GOLLEDGE-MCOCXOS_15 Datasheet
155Kb / 2P
12V OCXO Sine Output
MCOCXO GOLLEDGE-MCOCXO_18 Datasheet
555Kb / 5P
12V OCXO CMOS Output
MCOCXOS GOLLEDGE-MCOCXOS_18 Datasheet
555Kb / 5P
12V OCXO with Sine Output
logo
Maxim Integrated Produc...
MAX761EVKIT MAXIM-MAX761EVKIT Datasheet
353Kb / 4P
2V to 12V Input Range for 12V Output
2007
logo
Rosenberger Hochfrequen...
M2S103-3XX ROSENBERGER-M2S103-3XX Datasheet
726Kb / 2P
POWERSYSTEM PORT 12V PRO
rev. d00 Date 19.10.2020
M2S111-3XX ROSENBERGER-M2S111-3XX Datasheet
858Kb / 2P
POWERSYSTEM PORT 12V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com