Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2811 Datasheet(PDF) 3 Page - WORLDSEMI CO., LIMITED

Part # WS2811
Description  output port compression 12V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2811 Datasheet(HTML) 3 Page - WORLDSEMI CO., LIMITED

  WS2811 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WS2811
Signal line 256 Gray level 3 channal
Constant current LED drive IC
http://www.world-semi.com
Electrical Characteristics(TA=-20~+70℃,VDD=4.5~5.5V,VSS=0V,unless otherwise specified)
Prameter
Smybol
conditions
Min
Tpy
Max
Unit
IOL
ROUT
——
18.5
——
mA
Low voltage
output current
Idout
Vo=0.4V,DOUT
10
——
——
mA
Input current
II
VI=VDD/VSS
——
——
±1
µA
VIH
DIN,SET
0.7VDD
——
——
V
Input voltage level
VIL
DIN,SET
——
——
0.3 VDD
V
Hysteresis voltage
VH
DIN,SET
——
0.35
——
V
Switching characteristics(TA=-20~+70℃,VDD=4.5~5.5V,VSS=0V,unless otherwise specified)
Prameter
Symbol
Condition
Min
Tpy
Max
Unit
Fosc1
——
——
400
——
KHz
Operation
frequency
Fosc2
——
——
800
——
KHz
Transmission
delay time
tPLZ
CL=15pF,DIN→
DOUT,RL=10KΩ
——
——
300
ns
Fall time
tTHZ
CL=300pF,OUTR/
OUTG/OUTB
——
——
120
µs
Data transmission
rate
FMAX
Duty ratio50%
400
——
——
Kbps
Input capcity
CI
——
——
——
15
pF
Low Speed mode time
T0H
0 code,high voltage time
0.5 µs
±150ns
T1H
1 code,high voltage time
1.2 µs
±150ns
T0L
0 code,low voltage time
2.0 µs
±150ns
T1L
1 code,low voltage time
1.3 µs
±150ns
RES
low voltage time
Above 50µs
Note: It is one half of the time when high speed mode(reset time unchanged)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com