Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2811 Datasheet(PDF) 4 Page - WORLDSEMI CO., LIMITED

Part # WS2811
Description  output port compression 12V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2811 Datasheet(HTML) 4 Page - WORLDSEMI CO., LIMITED

  WS2811 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2811 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WS2811
Signal line 256 Gray level 3 channal
Constant current LED drive IC
http://www.world-semi.com
Sequence chart:
0 co d e
1 cod e
R E T co d e
T 0H
T 0 L
T 1 H
T 1L
Treset
Cascade method:
DIN
DIN
D IN
DO
DO
DO
IC 1
IC 2
IC 3
D1
D2
D3
D4
Data transmission method:
Note: The data of D1 is send by MCU,and D2, D3, D4 through IC internal reshaping amplification to
transmit.
Composition of 24bit data:
R7
R6
R5
R4
R3
R2
R1
R0
G7
G6
G5
G4
G3
G2
G1
G0
B7
B6
B5
B4
B3
B2
B1
B0
Note: Follow the order of RGB to sent data and the high bit sent at first.
Da ta refresh cycle 1
Data refresh cycle 2
first 2 4 b it
seco n d
2 4 b it
th ird 2 4 b it
first 2 4 b it
seco n d
2 4 b it
th ird 2 4 b it
seco n d
2 4 b it
th ird 2 4 b it
seco n d
2 4 b it
th ird 2 4 b it
th ird 2 4 b it
th ird 2 4 b it
D1
D2
D3
D4
reset code
>=50us
reset
code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com