Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6131DECT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECT
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECT Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP6131DECT Datasheet HTML 20Page - Texas Instruments TMP6131DECT Datasheet HTML 21Page - Texas Instruments TMP6131DECT Datasheet HTML 22Page - Texas Instruments TMP6131DECT Datasheet HTML 23Page - Texas Instruments TMP6131DECT Datasheet HTML 24Page - Texas Instruments TMP6131DECT Datasheet HTML 25Page - Texas Instruments TMP6131DECT Datasheet HTML 26Page - Texas Instruments TMP6131DECT Datasheet HTML 27Page - Texas Instruments TMP6131DECT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.50
0.41
0.05
0.00
0.65
0.1
C A B
2X
0.55
0.45
2X
0.3
0.2
A
1.05
0.95
B
0.65
0.55
4224506/A 08/2018
X1SON - 0.5 mm max height
DEC0002A
PLASTIC SMALL OUTLINE - NO LEAD
PIN 1 INDEX AREA
SEATING PLANE
0.03 C
1
2
0.1
C A B
SYMM
SYMM
X0.125)
(45
PIN 1 ID
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M
2. This drawing is subject to change without notice.
SCALE 11.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com