Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6131DECT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECT
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP6131DECT Datasheet HTML 7Page - Texas Instruments TMP6131DECT Datasheet HTML 8Page - Texas Instruments TMP6131DECT Datasheet HTML 9Page - Texas Instruments TMP6131DECT Datasheet HTML 10Page - Texas Instruments TMP6131DECT Datasheet HTML 11Page - Texas Instruments TMP6131DECT Datasheet HTML 12Page - Texas Instruments TMP6131DECT Datasheet HTML 13Page - Texas Instruments TMP6131DECT Datasheet HTML 14Page - Texas Instruments TMP6131DECT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
TMP61
www.ti.com
SBOS921 – DECEMBER 2018
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TMP61 is a positive temperature coefficient (PTC) linear silicon thermistor. The device behaves like a
temperature-dependent resistor, and may be configured in a variety of ways to monitor temperature based on the
system-level requirements. The TMP61 has a nominal resistance at 25°C (R25) of 10 kΩ with ±1% maximum
tolerance, a maximum operating voltage of 5.5 V (VSns), and maximum supply current of 400 µA (ISns). This
device may be used in a variety of applications to monitor temperature close to a heat source with the very small
DEC package option compatible with the typical 0402 (inch) footprint. Some of the factors that influence the total
measurement error include the ADC resolution (if applicable), the tolerance of the bias current or voltage, the
tolerance of the bias resistance in the case of a voltage divider configuration, and the location of the sensor with
respect to the heat source.
9.2 Typical Application
9.2.1 Thermistor Biasing Circuits
Figure 11. Biasing Circuit Implementations With Linear Thermistor (Left) vs. Non-Linear Thermistor
(Right)
9.2.1.1 Design Requirements
Existing thermistors, in general, have a non-linear temperature vs. resistance curve. To linearize the thermistor
response, a voltage linearization circuit using a voltage divider configuration is used or a resistance linearization
circuit may be used by adding another resistance in parallel with the thermistor, RP. Figure 11 highlights the two
implementations, where RT is the thermistor resistance. To generate an output voltage across the thermistor, one
can use either a voltage divider circuit with the thermistor placed at either the high side (close to supply) or low
side (close to ground), depending on the desired voltage response (negative or positive). Additionally, the
resistor can be biased directly using a precision current source (yielding the highest accuracy and voltage gain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com