Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6131DECT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECT
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECT Datasheet(HTML) 5 Page - Texas Instruments

  TMP6131DECT Datasheet HTML 1Page - Texas Instruments TMP6131DECT Datasheet HTML 2Page - Texas Instruments TMP6131DECT Datasheet HTML 3Page - Texas Instruments TMP6131DECT Datasheet HTML 4Page - Texas Instruments TMP6131DECT Datasheet HTML 5Page - Texas Instruments TMP6131DECT Datasheet HTML 6Page - Texas Instruments TMP6131DECT Datasheet HTML 7Page - Texas Instruments TMP6131DECT Datasheet HTML 8Page - Texas Instruments TMP6131DECT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
TMP61
www.ti.com
SBOS921 – DECEMBER 2018
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.5 Electrical Characteristics
TA = -40°C - 125°C, ISns = 200 μA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R25
Thermistor Resistance at 25°C
TA = 25°C
9.9
10
10.1
k
Ω
RTOL
Resistance Tolerance
TA = 25°C
–1
+1
%
TA = 0°C - 70°C
–1
+1
TA = -40°C - 125°C
–1.5
+1.5
TCR-35
Temperature Coefficient of Resistance
T1 = -40°C, T2 = -30°C
+6220
ppm/°C
TCR25
T1 = 20°C, T2 = 30°C
+6400
TCR85
T1 = 80°C, T2 = 90°C
+5910
TCR-35 %
Temperature Coefficient of Resistance
Tolerance
T1 = -40°C, T2 = -30°C
±0.4
%
TCR25 %
T1 = 20°C, T2 = 30°C
±0.2
TCR85 %
T1 = 80°C, T2 = 90°C
±0.3
ΔR
Sensor Long Term Drift (Reliability)
96 hours continuous operation,RH=85%, TA
= 130°C, VBias = 5.5V
0.1
+0.8
%
600 hours continuous operation, TA =
150°C, VBias = 5.5V
0.1
+1
tRES
(stirred
liquid)
Thermal response to 63%
T1=25°C in Still Air to T2=125°C in Stirred
Liquid
0.6
s
tRES (still
air)
Thermal response to 63%
T1=25°C to T2=70°C in Still Air
3.2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com