Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6131DECT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECT
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECT Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP6131DECT Datasheet HTML 21Page - Texas Instruments TMP6131DECT Datasheet HTML 22Page - Texas Instruments TMP6131DECT Datasheet HTML 23Page - Texas Instruments TMP6131DECT Datasheet HTML 24Page - Texas Instruments TMP6131DECT Datasheet HTML 25Page - Texas Instruments TMP6131DECT Datasheet HTML 26Page - Texas Instruments TMP6131DECT Datasheet HTML 27Page - Texas Instruments TMP6131DECT Datasheet HTML 28Page - Texas Instruments TMP6131DECT Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
www.ti.com
PACKAGE OUTLINE
4.1
3.9
2X
15.5
15.1
3X 0.48
0.33
2X 1.27 0.05
3.25
3.05
3X 0.51
0.33
3X 0.51
0.40
2X (
)
45°
0.86
0.66
1.62
1.42
2.64
2.44
2.68
2.28
5.05
MAX
6X 0.076 MAX
2.3
2.0
2 MAX
(0.55)
4221971/A 03/2015
TO-92 - 5.05 mm max height
LPG0002A
TO-92
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
1
2
1
2
SCALE 1.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com