Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6131DECT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECT
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECT Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP6131DECT Datasheet HTML 21Page - Texas Instruments TMP6131DECT Datasheet HTML 22Page - Texas Instruments TMP6131DECT Datasheet HTML 23Page - Texas Instruments TMP6131DECT Datasheet HTML 24Page - Texas Instruments TMP6131DECT Datasheet HTML 25Page - Texas Instruments TMP6131DECT Datasheet HTML 26Page - Texas Instruments TMP6131DECT Datasheet HTML 27Page - Texas Instruments TMP6131DECT Datasheet HTML 28Page - Texas Instruments TMP6131DECT Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
(R0.05) TYP
(0.65)
2X (0.5)
2X (0.25)
4224506/A 08/2018
X1SON - 0.5 mm max height
DEC0002A
PLASTIC SMALL OUTLINE - NO LEAD
SYMM
1
2
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:60X
NOTES: (continued)
3. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
4. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown on this view.
It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK DETAILS
METAL EDGE
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com