Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9261 Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT9261
Description  Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT9261 Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT9261 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
HT9261(A)
第 3 页共 13 页
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Input voltage range-------------------------------------------------------------------------------0.3V~12V
Input voltage: Vi(LX) ----------------------------------------------------------------------------0.3V~(Vout+0.3)
CE pin voltage-------------------------------------------------------------------------------------0.3V~(Vout+0.3)
Lx pin output current -----------------------------------------------------------------------------0.7A
Maximum power dissipation, Pd T=25℃
SOT-89-3---------------------------------------------------------------------------------------------0.5W
SOT-23-5---------------------------------------------------------------------------------------------0.15W
SOT-23-3---------------------------------------------------------------------------------------------0.15W
Maximum junction temperature ----------------------------------------------------------------150℃
Operating free-air temperature range ------------------------------------------------------- -20~+80℃
Storage temperature range -------------------------------------------------------------------- -40~125℃
Lead temperature and time ----------------------------------------------------------------------260℃,10S
CE
Chip Enable
Reference
Krror Anp
Short-up
logie
Oscillator
Driver
Overcurrent
Conparator
PFM
Control
logic
Vss
LX
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com