Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9261 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT9261
Description  Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT9261 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT9261 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
HT9261(A)
第 1 页共 13 页
OUTLINE
The HT9261 series are CMOS-based PFM
step-up DC-DC Converter. The converter can
start up by supply voltage as low as 0.8V, and
capable of delivering maximum 200mA output
current
at
3.3V
output
with
1.8V
input
Voltage.Quiescent current drawn from power
source is as low as 7uA. All of these features
make HT9261 series be suitable for the
portable devices, which are supplied by a
single battery to four-cell batteries.
To reduce the noise caused by the switch
regulator, HT9261 is well considerated in circuit
design and manufacture, so that the interferer
to other circuits by the device is reduced
greatly.
HT9261 integrates stable reference circuits
and trimming technology, so it can afford high
precision and low temperature-drift coefficient
of the output voltage.
HT9261 is available in SOT-89-3、SOT-23-3
and SOT-23-5 packages which is PB free. And
in 5-pin packages, such as SOT-23-5, the
device can be switch on or off easily by CE pin,
to minimize the standby supply current
FEATURES
 Deliver 200mA at 3.3V Output voltage with
1.8V input Voltage
 Low start-up voltage (when the output
current is 1mA)-------0.8V
 The converter output voltage can be
adjusted from 2.5V~6.0V(In 0.1V step).
 Output voltage accuracy -----------±2%
 Low temperature-drift coefficient of the
output voltage---------------- 100ppm/℃
 Only three external components
are
necessary: An inductor, a Schottky diode
and an output filter capacitor
 High power conversion efficiency---85%
 Low quiescent current drawn from power
source---------- <7uA
APPLICATIONS
 Power source for PDA、DSC、MP3 Player、
electronic toy and wireless mouse
 Power source for a single or dual-cell
battery-powered equipments
 Power source for LED


Similar Part No. - HT9261

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT92632 HOLTEK-HT92632 Datasheet
2Mb / 8P
High Precision OPAMP
HT92652 HOLTEK-HT92652 Datasheet
2Mb / 8P
High Precision OPAMP
More results

Similar Description - HT9261

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62292FP MITSUBISHI-M62292FP Datasheet
31Kb / 4P
3.3V, 1.8V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
M62520FP MITSUBISHI-M62520FP Datasheet
32Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
logo
Cherry Semiconductor Co...
CS3524A CHERRY-CS3524A Datasheet
151Kb / 6P
Voltage Mode PWM Control Circuit with 200mA Output Drivers
Rev. 10/28/96
logo
Volgen Kaga Electronics...
10WATTVSI-MINIA VOLGEN-10WATTVSI-MINIA Datasheet
330Kb / 4P
Output Voltage 1.8V-3.3V Ultra High Efficiency 92%
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
Maxim Integrated Produc...
MAX17504EVKITA MAXIM-MAX17504EVKITA Datasheet
462Kb / 11P
3.3V Output-Voltage Application
Rev 1; 2/14
MAX17503EVKITA MAXIM-MAX17503EVKITA Datasheet
751Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/13
MAX17545EVKITA MAXIM-MAX17545EVKITA Datasheet
1Mb / 11P
3.3V Output-Voltage Application
Rev 0; 10/14
MAX17672CEVKIT MAXIM-MAX17672CEVKIT Datasheet
950Kb / 13P
5V Buck Output Voltage and 1.8V Linear Regulator Output Voltage
Rev 1; 7/19
MAXM17906EVKIT MAXIM-MAXM17906EVKIT Datasheet
715Kb / 9P
MAXM17906 1.8V Output-Voltage Application
Rev 0; 6/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com