Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9261 Datasheet(PDF) 4 Page - Hotchip Technology Co.,Ltd

Part # HT9261
Description  Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT9261 Datasheet(HTML) 4 Page - Hotchip Technology Co.,Ltd

  HT9261 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
HT9261(A)
第 4 页共 13 页
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Input voltage range
0.8
Vout
V
Inductor
10
27
100
µH
Input capacitor
0
≥10
µF
Output capacitor*
47
100
220
µF
Operating junction temperature
-20
85
℃
Suggestion:Use tantalum capacitor to reduce the ripple of the output voltage
ELECTRICAL CHARACTERISTICS
SYMBOL
ITEM
TEST CONDITIONS
REFERENCE DATA
UNIT
MIN
TYP
MAX
Vout
Output Voltage
Iout=10mA,
Vin=Vout*0.6
2.45
2.5
2.55
V
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
5.88
6.0
6.12
Vin
Input Voltage
12
V
Iin
Input Current
Iout=0mA,
Vin=Vout*0.6
12
15
uA
Vstart
Start-up voltage
Iout=1mA,
Vin:0→2V
0.8
0.9
V
Vhold
Hold-on voltage
Iout=1mA,
Vin:2→0V
0.6
0.7
V
IDD
Quiescent current
drawn from power
source
Without external
components,
Vout=Vout×1.05
4
7
uA
Rswon
Switch ON Resistance
0.4
0.5
Ω
ILXleak
LX leakage current
Vout=Vlx=6V
0.5
uA
VCEH
CE “H” threshold
voltage
VCE: 0→2V
0.6
0.9
V
VCEL
CE “H” threshold
voltage
VCE: 2→0V
0.3
0.6
V
Fosc
Oscillator frequency
LX on “L” side
Vout=Vout*0.96
300
350
400
Khz
Maxdty
Oscillator duty cycle
On(Vlx“L”)side
70
75
80
%
Efficiency
85
%
NOTE:
 Diode:Schottky type, such as:1N5817, 1N5819, 1N5822
 Inductor:27uH(R<0.5Ω)
 Capacitor:100uF (Tantalum type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com