Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9261 Datasheet(PDF) 7 Page - Hotchip Technology Co.,Ltd

Part # HT9261
Description  Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT9261 Datasheet(HTML) 7 Page - Hotchip Technology Co.,Ltd

Back Button HT9261 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 11Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
HT9261(A)
第 7 页共 13 页
Consider all above,inductor value of 47uH、
ESR<0.5Ω is recommended in most applications.Large
value is recommended in high efficiency applications and smaller value is recommended.
Capacitor Selection
Ignore ESR of capacitor,the ripple of output voltage is:
Cf
R
D
r
load
Vout
ΔVout
So large value capacitor is needed to reduce ripple. But too large capacitor value will slow down
system reaction and cost will improve. So 100uF capacitor is recommended. Larger capacitor value will
be used in large output current system. If output current is small (<10mA), small value is needed.
Consider ESR of capacitor,ripple will increase:
Vout
R
ax
r
r
ESR
Im
'
When current is large, ripple caused by ESR will be main factor. It may be greater than 100mV。
The ESR will affects efficiency and increase energy loss. So low-ESR capacitor (for example: tantalum
capacitor) is recommend or connect two or more filter capacitors in parallel.
Diode Selection
Rectifier diode will affects efficiency greatly,Though a common diode (such as 1N4148)will work
well for light load,it will reduce about 5%~10% efficiency for heavy load,For optimum performance,
a Schottky diode (such as 1N5817、1N5819、1N5822) is recommended.
Input Capacitor
If supply voltage is stable, the DC-DC circuit can output low ripple, low noise and stable voltage
without input capacitor. If voltage source is far away from DC-DC circuit, input capacitor value greater
than 10uF is recommended.
TEST CIRCUITS
(1)Output voltage test circuit(Iload=1mA)
SOT-89-3&SOT-23-3 Package
SOT-23-5 Package
C1=47uF
Vin=1.8V
L
Dlode
LX
OUT
GND
CO
Vout
Rbxl
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com