Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9261 Datasheet(PDF) 12 Page - Hotchip Technology Co.,Ltd

Part # HT9261
Description  Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT9261 Datasheet(HTML) 12 Page - Hotchip Technology Co.,Ltd

Back Button HT9261 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 11Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 12Page - Hotchip Technology Co.,Ltd HT9261 Datasheet HTML 13Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
HT9261(A)
第 12 页共 13 页
Package information:
SOT89-3
SOT23-3
Symbol
Dimensions in millimeters
Symbol
Dimensions in millimeters
MIN
MAX
MIN
MAX
A
1.400
1.600
E
2.300
2.600
b
0.320
0.520
E1
3.940
4.250
b 1
0.360
0.560
e
1.5TYP
c
0.350
0.440
e 1
2.900
3.100
D
4.400
4.600
L
0.900
1.100
D1
1.400
1.800
E1
D1
E
L
b1
b
e
e1
D
A
C
G
1
2
3
E
F
SOT-23(PACKAGE)
A
C
B
L
J
M
K
D (TYP)
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com