Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5760GS Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD5760GS
Description  High Voltage Green-Mode PWM Controller with Brown-In/Out Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5760GS Datasheet(HTML) 5 Page - Leadtrend Technology

  LD5760GS Datasheet HTML 1Page - Leadtrend Technology LD5760GS Datasheet HTML 2Page - Leadtrend Technology LD5760GS Datasheet HTML 3Page - Leadtrend Technology LD5760GS Datasheet HTML 4Page - Leadtrend Technology LD5760GS Datasheet HTML 5Page - Leadtrend Technology LD5760GS Datasheet HTML 6Page - Leadtrend Technology LD5760GS Datasheet HTML 7Page - Leadtrend Technology LD5760GS Datasheet HTML 8Page - Leadtrend Technology LD5760GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LD5760
11/05/2015
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5760-DS-02 November 2015
Electrical Characteristics
(TA = +25C
, unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
High-Voltage Supply (HV Pin)
High-Voltage Current
Source
VCC<
UVLO(ON),
HV=500V
IHV
2
2.8
3.6
mA
HV Discharge capability
HV=500V
IHV_DIS
2
2.5
3
mA
HV Pin Total Input Current
(HV+ BNO)
HV=500 VDC, VCC >
UVLO(ON),
IHV_LEAK
35
A
HV Pin Brown-In Level
(HVBI)
HV pin =half rectifier
wave increase
VHVBO
85
95
105
VDC
HV Pin Brown-out
Level(HVBO)
HV pin = half rectifier
wave decrease
VHVBI
72
80
88
VDC
HV Pin BNO Hysteresis
HVBI-HVBO
ΔVHV
15
VDC
Brown-in De-bounce Time
TD_HVBI
170
S
Brown-out Detection Delay
time
VCOMP=3V
TD_HVBO
68
mS
HV Pin Min. Operation
Voltage
VCC=15V
(DetVmin = VHV-VCC
= 30V)
VHV_MIN
45
V
X-Cap discharge Detection
Delay time
VCOMP=3V
TD_XCAP
68
mS
Supply Voltage (VCC Pin)
Startup Current
VCC=15V ,HV=500V
ICC_ST
25
50
A
Operating Current
(with 1nF load on OUT pin)
VCOMP=3V
ICC_OP1
1.5
mA
VCOMP=0V
ICC_OP2
0.3
mA
Auto recover mode
ICC_OPA
0.43
mA
Latch mode
ICC_OPL
0.43
mA
UVLOOFF
VCCOFF
6
7
8
V
UVLOON
VCCON
15
16
17
V
PDR
VCCPDR
UVLOOFF
-1.4V
V
VCC HVBI Level
HV>HVBI (Fig 1.)
VCCHVBI
UVLOOFF
+3.8V
V
VCC OVP Level
VCCOVP
27.8
28.8
29.8
V
VCC OVP De-bounce Time
TD_VCCOVP
80
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com