Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5760GS Datasheet(PDF) 14 Page - Leadtrend Technology

Part # LD5760GS
Description  High Voltage Green-Mode PWM Controller with Brown-In/Out Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5760GS Datasheet(HTML) 14 Page - Leadtrend Technology

Back Button LD5760GS Datasheet HTML 10Page - Leadtrend Technology LD5760GS Datasheet HTML 11Page - Leadtrend Technology LD5760GS Datasheet HTML 12Page - Leadtrend Technology LD5760GS Datasheet HTML 13Page - Leadtrend Technology LD5760GS Datasheet HTML 14Page - Leadtrend Technology LD5760GS Datasheet HTML 15Page - Leadtrend Technology LD5760GS Datasheet HTML 16Page - Leadtrend Technology LD5760GS Datasheet HTML 17Page - Leadtrend Technology LD5760GS Datasheet HTML 18Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LD5760
11/05/2015
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5760-DS-02 November 2015
some
switching
pulses
or
reduce
the
switching
frequency.
By using LD proprietary dual-oscillator technique, the
green-mode frequency can be well controlled and
further to avoid the generation of audible noise.
Frequency Swapping
The LD5760 is built in with frequency swapping function,
which makes it easy for the power supply designers to
optimize EMI performance and system cost.
The
frequency swapping is internally set for
8%.
On/Off Control
Pulling COMP pin below VFB_B will immediately disable
the gate output of LD5760. Remove the pull-low signal
to reset it.
Over Load Protection (OLP)- Auto
Recovery
To protect the circuit from being damaged during over
load condition and short or open loop condition, the
LD5760 is implemented with smart OLP function.
LD5760 features auto recovery function of it, see Fig. 17
for the waveform. In the example of the fault condition,
the feedback system will force the voltage loop enter
toward the saturation and then pull the voltage high on
COMP pin (VCOMP).
When the VCOMP ramps up to the
OLP tripped level (4.6V) and stays for more than the
OLP delay time, the protection will be activate and then
turn off the gate output to stop the switching of power
circuit. The OLP delay time is set by internal high
frequency counter. It is to prevent the false triggering
from the power-on and turn-off transient.
A divide-2 counter is implemented to reduce the
average power under OLP behavior.
As soon as OLP
is activated, the output will be latched off and the
divide-2 counter will start to count the number of
UVLO(OFF).
The latch will not be released until the
3rd UVLO(OFF) point is counted, after that the output
will resume to switch again. With the protection
mechanism, the average input power will be minimized,
so that the component temperature and stress can be
controlled within the safe operating area.
VCC
VCC-ON
VCC-OFF
t
t
COMP
OLP
VOLP
t
OUT
OLP Delay Time
Switching
Switching
Non-Switching
OLP trip Level
2nd UVLO(off)
OLP Counter Reset
BNO
Detecting
Fig. 17
OVP (Over Voltage Protection) on VCC
–
Auto Recovery
The maximum VCC ratings of the LD5760 are mostly for
30V. To prevent the controller enter fault condition,
LD5760 series are implemented with OVP function on
VCC.
Whenever the VCC voltage is higher than the
OVP threshold, the output gate drive circuit will be
shutdown simultaneously and the switching of the power
MOSFET is disabled until the next two UVLO(ON).
The
VCC
OVP
functions
of
LD5760
are
auto-recoverable.
If the OVP condition, usually caused
by open-loop of feedback, is not released, the VCC will
tripped the OVP level again and re-shutdown the output.
The VCC works in hiccup mode. Figure 18 shows its
operation.
Otherwise, when the OVP condition is removed, the
VCC level will be resumed and the output will
automatically return to the normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com