Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5760GS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD5760GS
Description  High Voltage Green-Mode PWM Controller with Brown-In/Out Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5760GS Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD5760GS Datasheet HTML 2Page - Leadtrend Technology LD5760GS Datasheet HTML 3Page - Leadtrend Technology LD5760GS Datasheet HTML 4Page - Leadtrend Technology LD5760GS Datasheet HTML 5Page - Leadtrend Technology LD5760GS Datasheet HTML 6Page - Leadtrend Technology LD5760GS Datasheet HTML 7Page - Leadtrend Technology LD5760GS Datasheet HTML 8Page - Leadtrend Technology LD5760GS Datasheet HTML 9Page - Leadtrend Technology LD5760GS Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LD5760
11/05/2015
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5760-DS-02 November 2015
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Oscillator for Switching Frequency
Frequency
65KHz
FSW
60
65
70
KHz
Swapping Frequency
FSW_SWA
±8
%
Green Mode Frequency
FSW_GREEN
20.5
23.5
26.5
KHz
Modulation Frequency
FSW_MOD
200
Hz
FSW Temp. Stability
-40
C ~105C
FSW_TS
0
3
4
%
FSW Voltage Stability
VCC=8V-(OVP-1V)
FSW_VS
0
1
%
Maximum On Time
MXD
78
85
90
%
OSCP (Output Short Circuit Protection)
OSCP Trip Level
*
VCCOSCP
UVLOOFF
+2.4V
V
OSCP Delay Time
*Exclude
soft
start
time.
TD_OSCP
10
ms
Voltage Feedback (Comp Pin)
Input Voltage to
Current-Sense Attenuation
*
AV
1/4.0
V/V
Comp Impedance
VCOMP=3V
ZCOMP
42
k
Open Loop Voltage
COMP pin open
VCOMP_OPEN
4.9
5.2
5.5
V
OLP Tripped Level
TC: track COMP pin
open voltage
VOLP
4.4
4.6
4.8
V
PWM Mode Threshold
VCOMP
0.9
of
FSW-PWM,
VFB_P(Fig 2.)
VP
2.6
2.8
3.0
V
Green Mode Threshold
VCOMP
1.1 of FSW-GREEN, VFB_G
VG
2.2
2.5
2.7
V
Zero Duty Threshold
VCOMP on Burst mode
Zero Duty, VFB_B
VZDC
1.6
V
Hysteresis
VZDCH
100
mV
Current Sensing (CS Pin)
Maximum Input Voltage
VCS_MAX
0.67
0.7
0.73
V
Leading Edge Blanking Time
TLEB
300
nS
Delay to Output
TPD
70
nS
Slope Compensation Level
*0%-85% Linearly
VSLP_L
0
0.2
V
Slope Compensation Position
*0%-85% Linearly
VSLP
0
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com