Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5760GS Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5760GS
Description  High Voltage Green-Mode PWM Controller with Brown-In/Out Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5760GS Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5760GS Datasheet HTML 9Page - Leadtrend Technology LD5760GS Datasheet HTML 10Page - Leadtrend Technology LD5760GS Datasheet HTML 11Page - Leadtrend Technology LD5760GS Datasheet HTML 12Page - Leadtrend Technology LD5760GS Datasheet HTML 13Page - Leadtrend Technology LD5760GS Datasheet HTML 14Page - Leadtrend Technology LD5760GS Datasheet HTML 15Page - Leadtrend Technology LD5760GS Datasheet HTML 16Page - Leadtrend Technology LD5760GS Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LD5760
11/05/2015
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5760-DS-02 November 2015
However, the total pulse width of the turn-on spike is
related to the output power, circuit design and PCB
layout.
It is strongly recommended to add a small R-C
filter (as shown in Fig. 16) for larger power application to
avoid the CS pin from being damaged by the negative
turn-on spike.
CS
VCC
GND
LD5760
Can be removed if the negative
spike is not over spec. (-0.3V).
OUT
150ns
blanking time
Fig. 15
CS
VCC
GND
LD5760
R-C filter is required when the negative
spike exceeds -0.3V or the total spike width
is over 300nS LEB period.
OUT
Fig. 16
Output Stage and Maximum Duty-Cycle
A CMOS buffer with output stage of typical 300mA
driving capability is incorporated to drive a power
MOSFET directly.
And the maximum duty-cycle of
LD5760 is limited to 85% to avoid the transformer
saturation.
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431
on the secondary side through the photo-coupler to the
COMP pin of LD5760. Similar to UC384X, its input stage
is with a diode voltage offset to feed the voltage divider
with 1/4 ratio, that is,
)
V
V
(
4
1
V
F
COMP
)
PWM
(
cs
COMPARATOR
A pull-high resistor is embedded internally to optimize
the external circuit.
Internal Slope Compensation
A fundamental issue of current mode control is the
stability problem when its duty-cycle is operated for
more than 50%. To stabilize the control loop, the slope
compensation is required in the traditional UC384X
design by injecting the ramp signal from the RT/CT pin
through a coupling capacitor. LD5760 has internal slope
compensation circuit to simplify the external circuit
design.
Oscillator and Switching Frequency
The LD5760 fixes the switching frequency at 65KHz
internally to optimize its performance in EMI, thermal
treatment, component sizes and transformer design.
Dual-Oscillator Green-Mode Operation
There
are
many
different
topologies
has
been
implemented in different chips for the green-mode or
power
saving
requirements
such
as
“burst-mode
control
”, “skipping-cycle mode”, “variable off-time control
“…etc. The basic operation theory of all these
approaches intended to reduce the switching cycles
under light-load or no-load condition either by skipping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com