Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5760GS Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD5760GS
Description  High Voltage Green-Mode PWM Controller with Brown-In/Out Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5760GS Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD5760GS Datasheet HTML 3Page - Leadtrend Technology LD5760GS Datasheet HTML 4Page - Leadtrend Technology LD5760GS Datasheet HTML 5Page - Leadtrend Technology LD5760GS Datasheet HTML 6Page - Leadtrend Technology LD5760GS Datasheet HTML 7Page - Leadtrend Technology LD5760GS Datasheet HTML 8Page - Leadtrend Technology LD5760GS Datasheet HTML 9Page - Leadtrend Technology LD5760GS Datasheet HTML 10Page - Leadtrend Technology LD5760GS Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LD5760
11/05/2015
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5760-DS-02 November 2015
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
OVP CS Pin
OVP Trip Current Level
DC
VCSOVP-1
0.18
0.2
0.22
V
AC (High to Low)
VCSOVP-2
0.144
0.164
0.183
V
De-bounce Cycle
TD_CSOVP
140
160
180
S
Sample Delay Time
TS_CSOVP
1
1.5
2
S
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, Io=20mA
VOL
0
-
1
V
Output High Level
VCC=15V, Io=20mA
VOH
8
-
VCC
V
Rising Time
Load Capacitance=
1000pF
@ from
OUT>4V
Tr
-
50
nS
Falling Time
Load
Capacitance=
1000pF
Tf
-
20
nS
OUT Pin Clamping Voltage
VCC= 21V,1nF on OUT
pin
VO_CLAMP
12
V
Source capability
*Load Capacitance=
33nF@out=4V
ISOURCE
300
mA
Sink capability
*Load
Capacitance=33nF
ISINK
800
mA
OLP (Over Load Protection)
OLP Delay Time
Auto
restart,
FSW=65KHz
TD_OLP
55
66
77
mS
Soft Start
Soft Start Duration
*soon as OLP, OTP,
BNO, OVP is tripped
TSS
6
mS
Internal OTP
OTP Tripped Level
*
TINOTP
150
C
OTP Hysteresis
*
TINOTP_HYS
TOTP-30
C
OTP De-bounce Time
*
TD_INOTP
160
S
Over Temperature Protection(OTP Pin)
OTP Pin Source Current
IOTP
92
100
108
A
Turn-On Trip Level
VOTP_ON
1.00
1.05
1.10
V
Turn-Off Trip Level
VOTP_OFF
0.9
0.95
1.0
V
OTP pin de-bounce time
TD_OTP
170
s
*: Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com