Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M032FD2AE Datasheet(PDF) 53 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 53 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 49Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 50Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 51Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 52Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 53Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 54Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 55Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 56Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 57Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 274 page
background image
M031/M032
Feb 25, 2019
Page 53 of 274
Rev. 1.01
20
Pin
28
Pin
32
Pin
48
Pin
64
Pin
Pin Name
Type
MFP
Description
UART0_TXD
O
MFP3
UART0 data transmitter output pin.
4
24
36
48
PA.15
I/O
MFP0
General purpose digital I/O pin.
UART0_RXD
I
MFP3
UART0 data receiver input pin.
33
45 USB_VBUS
P
MFP0
Power supply from USB host or HUB.
34
46 USB_D-
A
MFP0
USB differential signal D-.
35
47 USB_D+
A
MFP0
USB differential signal D+.
36
48 USB_VDD33_CAP
A
MFP0
Internal power regulator output 3.3V decoupling
pin.
1
5
25
37
37
49
49 VSS
P
MFP0
Ground pin for digital circuit.
2
6
26
38
38
50
50 LDO_CAP
A
MFP0
LDO output pin.
3
7
27
39
39
51
51 VDD
P
MFP0
Power supply for I/O ports and LDO source for
internal PLL and digital circuit.
40
40
52
52
PC.14
I/O
MFP0
General purpose digital I/O pin.
EBI_AD11
I/O
MFP2
EBI address/data bus bit 11.
SPI0_I2SMCLK
I/O
MFP4
SPI0 I
2S master clock output pin
USCI0_CTL0
I/O
MFP5
USCI0 control 0 pin.
TM1
I/O
MFP13
Timer1 event counter input/toggle output pin.
28
41
41
53
53
PB.15
I/O
MFP0
General purpose digital I/O pin.
ADC0_CH15
A
MFP1
ADC0 channel 15 analog input.
EBI_AD12
I/O
MFP2
EBI address/data bus bit 12.
SPI0_SS
I/O
MFP4
SPI0 slave select pin.
USCI0_CTL1
I/O
MFP5
USCI0 control 1 pin.
UART0_nCTS
I
MFP6
UART0 clear to Send input pin.
PWM1_CH0
I/O
MFP11
PWM1 channel 0 output/capture input.
TM0_EXT
I/O
MFP13
Timer0 external capture input/toggle output pin.
PWM0_BRAKE1
I
MFP15
PWM0 Brake 1 input pin.
4
8
29
42
42
54
54
PB.14
I/O
MFP0
General purpose digital I/O pin.
ADC0_CH14
A
MFP1
ADC0 channel 14 analog input.
EBI_AD13
I/O
MFP2
EBI address/data bus bit 13.
SPI0_CLK
I/O
MFP4
SPI0 serial clock pin.
USCI0_DAT1
I/O
MFP5
USCI0 data 1 pin.
UART0_nRTS
O
MFP6
UART0 request to Send output pin.
PWM1_CH1
I/O
MFP11
PWM1 channel 1 output/capture input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com