Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M032FD2AE Datasheet(PDF) 12 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 12 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 8Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 9Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 10Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 11Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 12Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 13Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 14Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 15Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 16Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 274 page
background image
M031/M032
Feb 25, 2019
Page 12 of 274
Rev. 1.01
2
FEATURES
2.1
M031/M032 Features
Core and System
Arm
®
Cortex
® -M0
Arm
® Cortex® -M0 processor, running up to 48 MHz
Built-in Nested Vectored Interrupt Controller (NVIC)
24-bit system tick timer
Programmble and maskable interrupt
Low Power Sleep mode by WFI and WFE instructions
Hardware Divider (HDIV)
Signed (two’s complement) integer calculation
32-bit dividend with 16-bit divisor calculation capacity
32-bit quotient and 32-bit remainder outputs (16-bit remainder
with sign extends to 32-bit)
6 HCLK clocks taken for one cycle calculation
Brown-out Detector (BOD)
Two-level BOD with brown-out interrupt and reset option.
(2.5V/2.0V)
Low Voltage Reset (LVR)
LVR with 1.7V threshold voltage level
Security
96-bit Unique ID (UID)
128-bit Unique Customer ID (UCID)
Memories
Flash
Up to 128 KB application ROM (APROM)
Up to 4 KB Flash for user program loader (LDROM)
512 bytes page erase for all embedded flash
Supports CRC-32 checksum calculation function
Hardware external read protection of whole flash memory by
Security Lock Bit
Supports
In-System-Programming
(ISP),
In-Application-
Programming (IAP) update embedded flash memory
Supports 2-wired ICP update through SWD/ICE interface
SRAM
Up to 16 KB embedded SRAM
Supports byte-, half-word- and word-access
Supports PDMA mode
Cyclic Redundancy
Calculation (CRC)
Supports four common polynomials CRC-CCITT, CRC-8,
CRC-16, and CRC-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com