Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M032FD2AE Datasheet(PDF) 97 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 97 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 93Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 94Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 95Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 96Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 97Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 98Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 99Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 100Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 101Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 274 page
background image
M031/M032
Feb 25, 2019
Page 97 of 274
Rev. 1.01
6.2.11
Register Map
R: read only, W: write only, R/W: both read and write
Register
Offset
R/W
Description
Reset Value
SYS Base Address:
SYS_BA = 0x4000_0000
SYS_PDID
SYS_BA+0x00
R
Part Device Identification Number Register
0xXXXX_XXXX
SYS_RSTSTS
SYS_BA+0x04
R/W System Reset Status Register
0x0000_0043
SYS_IPRST0
SYS_BA+0x08
R/W Peripheral Reset Control Register 0
0x0000_0000
SYS_IPRST1
SYS_BA+0x0C
R/W Peripheral Reset Control Register 1
0x0000_0000
SYS_IPRST2
SYS_BA+0x10
R/W Peripheral Reset Control Register 2
0x0000_0000
SYS_BODCTL
SYS_BA+0x18
R/W Brown-out Detector Control Register
0x00XX_038X
SYS_PORCTL
SYS_BA+0x24
R/W Power-On-reset Controller Register
0x0000_0000
SYS_GPA_MFPL
SYS_BA+0x30
R/W GPIOA Low Byte Multiple Function Control Register
0x0000_0000
SYS_GPA_MFPH SYS_BA+0x34
R/W GPIOA High Byte Multiple Function Control Register
0x0000_0000
SYS_GPB_MFPL
SYS_BA+0x38
R/W GPIOB Low Byte Multiple Function Control Register
0x0000_0000
SYS_GPB_MFPH SYS_BA+0x3C
R/W GPIOB High Byte Multiple Function Control Register
0x0000_0000
SYS_GPC_MFPL
SYS_BA+0x40
R/W GPIOC Low Byte Multiple Function Control Register
0x0000_0000
SYS_GPC_MFPH SYS_BA+0x44
R/W GPIOC High Byte Multiple Function Control Register
0x0000_0000
SYS_GPD_MFPL
SYS_BA+0x48
R/W GPIOD Low Byte Multiple Function Control Register
0x0000_0000
SYS_GPD_MFPH SYS_BA+0x4C
R/W GPIOD High Byte Multiple Function Control Register
0x0000_0000
SYS_GPF_MFPL
SYS_BA+0x58
R/W GPIOF Low Byte Multiple Function Control Register
0x0000_00ee
SYS_GPF_MFPH
SYS_BA+0x5C
R/W GPIOF High Byte Multiple Function Control Register
0x0000_0000
SYS_MODCTL
SYS_BA+0xC0
R/W Modulation Control Register
0x0000_0000
SYS_SRAM_BIST
CTL
SYS_BA+0xD0
R/W System SRAM BIST Test Control Register
0x0000_0000
SYS_SRAM_BIST
STS
SYS_BA+0xD4
R
System SRAM BIST Test Status Register
0x00xx_00xx
SYS_HIRCTRIMC
TL
SYS_BA+0xF0
R/W HIRC Trim Control Register
0x0008_0000
SYS_HIRCTRIMIE
N
SYS_BA+0xF4
R/W HIRC Trim Interrupt Enable Register
0x0000_0000
SYS_HIRCTRIMS
TS
SYS_BA+0xF8
R/W HIRC Trim Interrupt Status Register
0x0000_0000
SYS_REGLCTL
SYS_BA+0x100 R/W Register Lock Control Register
0x0000_0000
SYS_PORDISAN
SYS_BA+0x1EC R/W Analog POR Disable Control Register
0x0000_0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com