Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M032FD2AE Datasheet(PDF) 18 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 18 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 14Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 15Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 16Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 17Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 18Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 19Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 20Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 21Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 22Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 274 page
background image
M031/M032
Feb 25, 2019
Page 18 of 274
Rev. 1.01
Multi-master bus (no central master)
7-bit addressing mode
Standard mode (100 kbps) and Fast mode (400 kbps).
Arbitration between simultaneously transmitting masters
without corruption of serial data on the bus
Serial clock synchronization allows devices with different bit
rates to communicate via one serial bus
Serial clock synchronization can be used as a handshake
mechanism to suspend and resume serial transfer
Supports 14-bit time-out counter requesting the I
2C interrupt if
the I
2C bus hangs up and timer-out counter overflows
Programmable clocks allow versatile rate control
Multiple address recognition (four slave addresses with mask
option)
Supports setup/hold time programmable
Multi-address Power-down wake-up function
Supports PDMA transfer
SPI/I
2S
Supports one SPI/ I
2S controller
Pin defined in SPI and I
2S mode:
SPI
Supports Master or Slave mode operation
Configurable bit length of a transfer word from 8 to 32-bit
Provides separate 4-level of 32-bit (or 8-level of 16-bit) depth
transmit and receive FIFO buffers
Supports MSB first or LSB first transfer sequence
Supports Byte Reorder function
Byte or Word Suspend mode
Master and slave mode up to 24 MHz (when chip works at VDD
= 1.8 ~3.6V)
Supports one data channel half-duplex transfer
Support receive-only mode
SPI Supports PDMA transfer
I
2S
Supports Master or Slave mode operation
Capable of handling 8-, 16-, 24- and 32-bit word sizes in I
2S
mode
Provides separate 4-level depth transmit and receive FIFO
buffers in I
2S mode
Generates interrupt requests when buffer levels cross a
programmable boundary
Supports monaural and stereo audio data in I
2S mode
Supports PCM mode A, PCM mode B, I
2S and MSB justified
data format in I
2S mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com