Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M032FD2AE Datasheet(PDF) 20 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 20 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 16Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 17Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 18Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 19Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 20Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 21Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 22Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 23Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 274 page
background image
M031/M032
Feb 25, 2019
Page 20 of 274
Rev. 1.01
bank
Two dedicated external chip select pins for each memory block
Accessible space up to 1 M bytes for each bank, actually
external addressable space is dependent on package pin out
8-/16-bit data width
Byte write in 16-bit data width mode
Supports Address/Data multiplexed Mode
Timing parameters individual adjustment for each memory
block
Supports LCD interface i80 mode
Supports Continuous Data Access Mode
Supports PDMA mode
GPIO
Four I/O modes:
–
Quasi-bidirectional mode
–
Push-Pull Output mode
–
Open-Drain Output mode
–
Input only with high impendence mode
Schmitt trigger input
I/O pin configured as interrupt source with edge/level trigger
setting
Supports high drive and high sink current I/O
I/O pin internal pull-up resistor enabled only in Quasi-
bidirectional I/O mode
Maximum I/O Speed is 24 MHz when VDD = 1.8 ~ 3.6V.
Supports input 5V tolerance, except analog pin (PA.10 ~ 11;
PB.0 ~ 15; PF.2 ~ 5; all USB pin and nRESET pin).
Supports up to 15/23/27/42/55 GPIOs for TSSOP20/28,
QFN33 and LQFP48/64 respectively
Enabling the pin interrupt function will also enable the wake-up
function
Advanced Connectivity
USB 2.0 Full Speed
One set of USB 2.0 FS Device (12 Mbps)
On-chip USB Transceiver
Provides 1 interrupt source with 4 interrupt events
Supports Control, Bulk In/Out, Interrupt and Isochronous
transfers
Auto suspend function when no bus signaling for 3 ms
Provides 8 programmable endpoints
Includes 512 Bytes internal SRAM as USB buffer
Provides remote wake-up capability
Supports Crystal-less function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com