Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LKVIPER12A Datasheet(PDF) 5 Page - Linkage Goston Electronics Co., LTD

Part # LKVIPER12A
Description  AC / DC PWM power switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LKVIPER12A Datasheet(HTML) 5 Page - Linkage Goston Electronics Co., LTD

  LKVIPER12A Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
- 5 -
FB 部分
DRAIN
R2
GND
+
-
0.23V
PWM
control
R1
FB
VDD
ID
IS
IFB
通过高压 MOS 的电流 ID 分成两个部分,其中一部分为 IS,这部分电流为芯片采样电流。IS 与 ID 成比例关系:
S
ID
D
I
•
G
=
I
通过上图可知:
V
R
I
I
FB
S
23
.
0
2
)
(
,由此可以得到:-
FB
S
I
-
2
R
V
23
0
=
I
.
以上公式合并,可得到:
)
.
(
FB
ID
D
I
-
2
R
V
23
0
•
G
=
I
注:如需最新资料或技术支持,请与我们联系
LK VIPer12A AC/DC PWM 功率开关v1.6
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com