Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LKVIPER12A Datasheet(PDF) 7 Page - Linkage Goston Electronics Co., LTD

Part # LKVIPER12A
Description  AC / DC PWM power switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LKVIPER12A Datasheet(HTML) 7 Page - Linkage Goston Electronics Co., LTD

Back Button LKVIPER12A Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 10Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
- 7 -
典型应用方案
BUCK 电路—电磁炉应用方案
原理图:
BOM 表:
位号
参数
位号
参数
D1
BYV26C
C1
220uF/25V
D2
BYV26C
C2
104
D3
UF4007
C3
4.7uF/50V
D4
1N4007
C4
4.7uF/400V
D5
1N4007
C5
103
D6
1N4007
C6
104
D7
1N4007
C7
220uF/25V
R1
22Ω
F1
1A/250V
L1
EE13
U1
变压器参数:
1)骨架EE13(4+4)普通磁芯
N2
2)电感量L为:2.2mH
3)N1:0.25mm线径为绕150匝
N1
4)N2:0.25mm线径为绕64匝
注:如需最新资料或技术支持,请与我们联系
LK VIPer12A AC/DC PWM 功率开关v1.6
LK VIPer12A
LK VIPer12A
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com