Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LKVIPER12A Datasheet(PDF) 8 Page - Linkage Goston Electronics Co., LTD

Part # LKVIPER12A
Description  AC / DC PWM power switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LKVIPER12A Datasheet(HTML) 8 Page - Linkage Goston Electronics Co., LTD

Back Button LKVIPER12A Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 10Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
- 8 -
12V/500mA 反激电源应用方案
原理图:
BOM 清单:
位号
参数
位号
参数
位号
参数
C1
4.7uF/400V
R3
0R
D3、D4
1N4007
C2
10uF/400V
R4
15Ω/1W
D5、D6
FR107
C3、C6
102/1KV
R5
120R/1/2W
D7
SR2100
C4、C11
103/50V
R6
1K
RT1
5D-9
C5
4.7uF/50V
R7
47K
CX1
0.1UF/275V
C7
470 uF/25V
R9
33K
CY1
222/250V
C8
220 uF/25V
R10
5.1K
F1
1A/250V
C9、C10
104/50V
LT
40mH
U1
R1
100KΩ/1W
L1
3UH
U2
光耦
R2
9.1K
D1、D2
1N4007
U3
TL431
变压器参数:
注:如需最新资料或技术支持,请与我们联系
LK VIPer12A AC/DC PWM 功率开关v1.6
LK VIPer12A
LK VIPer12A
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com