Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LKVIPER12A Datasheet(PDF) 2 Page - Linkage Goston Electronics Co., LTD

Part # LKVIPER12A
Description  AC / DC PWM power switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LKVIPER12A Datasheet(HTML) 2 Page - Linkage Goston Electronics Co., LTD

  LKVIPER12A Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD LKVIPER12A Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
- 2 -
内部方框图
内部电源
产生电路
--
+
8V/14.5V
前沿消隐电路
--
+
振荡电路
S
R1
R2
R3
0.23V
S2
R1
Q
Q
GND
DRAIN
FB
VDD
基准电路
LVDD
VREF
过温保护电路
欠压保护电路
S1
过压保护电路
VDD钳位电路
230ohm
1K ohm
驱动
管脚示意图
DIP8/SOP8
管脚说明
名称
管脚序号
管脚说明
GND
1,2
芯片地,同时也是内置高压 MOS 管 SOURCE 端口
FB
3
反馈输入端口
VDD
4
芯片电源端,工作电压范围可达 9V——38V
DRAIN
5,6,7,8
内置高压 MOS 管的 DRAIN,同时芯片启动时,也做芯片的启动
注:如需最新资料或技术支持,请与我们联系
LK VIPer12A AC/DC PWM 功率开关v1.6
LK VIPer12A
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com