Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK2425 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # BK2425
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button BK2425 Datasheet HTML 14Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 15Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 16Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 17Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 18Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 19Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 20Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 21Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 18 of 30
(LSB byte is written first)
Set RX_ADDR_P0 equal to this address to
handle automatic acknowledge if this is a
PTX device
11
RX_PW_P0
Reserved
7:6
00
R/W
Only '00' allowed
RX_PW_P0
5:0
000000
R/W
Number of bytes in RX payload in data
pipe 0 (1 to 32 bytes).
0: not used
1 = 1 byte
…
32 = 32 bytes
12
RX_PW_P1
Reserved
7:6
00
R/W
Only '00' allowed
RX_PW_P1
5:0
000000
R/W
Number of bytes in RX payload in data
pipe 1 (1 to 32 bytes).
0: not used
1 = 1 byte
…
32 = 32 bytes
13
RX_PW_P2
Reserved
7:6
00
R/W
Only '00' allowed
RX_PW_P2
5:0
000000
R/W
Number of bytes in RX payload in data
pipe 2 (1 to 32 bytes).
0: not used
1 = 1 byte
…
32 = 32 bytes
14
RX_PW_P3
Reserved
7:6
00
R/W
Only '00' allowed
RX_PW_P3
5:0
000000
R/W
Number of bytes in RX payload in data
pipe 3 (1 to 32 bytes).
0: not used
1 = 1 byte
…
32 = 32 bytes
15
RX_PW_P4
Reserved
7:6
00
R/W
Only '00' allowed
RX_PW_P4
5:0
000000
R/W
Number of bytes in RX payload in data
pipe 4 (1 to 32 bytes).
0: not used
1 = 1 byte
…
32 = 32 bytes
16
RX_PW_P5
Reserved
7:6
00
R/W
Only '00' allowed
RX_PW_P5
5:0
000000
R/W
Number of bytes in RX payload in data
pipe 5 (1 to 32 bytes).
0: not used
1 = 1 byte
…
32 = 32 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com